Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC24C64C Datasheet(PDF) 13 Page - E-CMOS Corporation

Part # EC24C64C
Description  64K bits Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC24C64C Datasheet(HTML) 13 Page - E-CMOS Corporation

Back Button EC24C64C Datasheet HTML 9Page - E-CMOS Corporation EC24C64C Datasheet HTML 10Page - E-CMOS Corporation EC24C64C Datasheet HTML 11Page - E-CMOS Corporation EC24C64C Datasheet HTML 12Page - E-CMOS Corporation EC24C64C Datasheet HTML 13Page - E-CMOS Corporation EC24C64C Datasheet HTML 14Page - E-CMOS Corporation EC24C64C Datasheet HTML 15Page - E-CMOS Corporation EC24C64C Datasheet HTML 16Page - E-CMOS Corporation EC24C64C Datasheet HTML 17Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
EC24C64C
64K bits Two-wire Serial EEPROM
E-CMOS Corp. (www.ecmos.com.tw)
Page 13 of 17
5C26N-Rev.F001
Symbol
Parameter
[1][2]
1.7V
≤ VCC<2.5V
2.5V
≤ VCC<4.5V 4.5V ≤ VCC ≤ 5.5V Unit
Min.
Max.
Min.
Max.
Min.
Max.
Unit
FSCL
SCK Clock Frequency
400
1000
1000
KHz
TLOW
Clock Low Period
1200
—
400
—
400
—
ns
THIGH
Clock High Period
600
—
400
—
400
—
ns
TR
Rise Time (SCL and SDA)
—
300
—
300
—
300
ns
TF
Fall Time (SCL and SDA)
—
300
—
100
—
100
ns
TSU:STA
Start Condition Setup Time
500
—
200
—
200
—
ns
TSU:STO
Stop Condition Setup Time
500
—
200
—
200
—
ns
THD:STA
Start Condition Hold Time
500
—
200
—
200
—
ns
TSU:DAT
Data In Setup Time
100
—
40
—
40
—
ns
THD:DAT
Data In Hold Time
0
—
0
—
0
—
ns
TAA
Clock to Output Access time
(SCL Low to SDA Data Out Valid)
100
900
50
400
50
400
ns
TDH
Data Out Hold Time
(SCL Low to SDA Data Out Change)
100
—
50
—
50
—
ns
TWR
Write Cycle Time
—
5
—
5
—
5
ms
TBUF
Bus Free Time Before New
Transmission
1000
—
400
—
400
—
ns
TSU:WP
WP pin Setup Time
1000
—
400
—
400
ns
THD:WP
WP pin Hold Time
1000
—
400
—
400
—
ns
T
Noise Suppression Time
—
100
—
50
—
50
ns
AC Electrical Characteristic
Industrial: TA =
–40°C to +85°C, Supply voltage = 1.7V to 5.5V
Note: (1)The parameters are characterized but not 100% tested.
(2)AC measurement conditions:
RL (connects to VCC
): 1.3 kΩ (2.5V, 5.0V), 10 kΩ (1.7V)
CL = 100 pF
Input pulse voltages: 0.3*VCC to 0.7*VCC
Input rise and fall times: ≤ 50 ns
Timing reference voltages: half VCC level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com