Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3292B Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC3292B
Description  18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3292B Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC3292B Datasheet HTML 1Page - E-CMOS Corporation EC3292B Datasheet HTML 2Page - E-CMOS Corporation EC3292B Datasheet HTML 3Page - E-CMOS Corporation EC3292B Datasheet HTML 4Page - E-CMOS Corporation EC3292B Datasheet HTML 5Page - E-CMOS Corporation EC3292B Datasheet HTML 6Page - E-CMOS Corporation EC3292B Datasheet HTML 7Page - E-CMOS Corporation EC3292B Datasheet HTML 8Page - E-CMOS Corporation EC3292B Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 8
5B04N-Rev.F001
18V/2A High Efficiency Synchronous Rectified
Step-Down DC/DC Converter
EC3292B
Absolute Maximum Ratings (Note 1)
Input Supply Voltage ……………………….……..… +21V
SW Voltage ……..................................... … - 1V to 22V
<10nS ................................................ (-5V to 25V)
EN Voltage …….………………......... - 0.3 to VIN+0.3V
ESD Classification …...………………………….. Class 2
Junction Temperature Range …....……. -40oC to 150°C
Storage Temperature Range ………..… -65oC to 150°C
Lead Temperature (Soldering10s) …………....... 260°C
Other Pins ……………………….………… - 0.3V to +6V
Boost Voltage ………....................................... Vsw+6V
Thermal Information (Note 3333、
、
、
、4444)
Maximum Power Dissipation(TA=+25°C ) …… 0.8W Thermal resistance( θJA) …………………125°C/W
Thermal resistance(θJC) ………………… 66°C/W
Recommended Operating Conditions(Note 2)
Input Voltage (VIN) ……..……………… +4.5V to +18V Operating Temperature Range .….-40°C to +85°C
Junction Temperature Range …....………
<+135°C
Note (1): Stress exceeding those listed “Absolute Maximum Ratings” may damage the device.
Note (2): The device is not guaranteed to function outside of the recommended operating conditions.
Note (3): Measured on JESD51-7, 4-Layer PCB.
Note (4): The maximum allowable power dissipation is a function of the maximum junction temperature TJ_MAX, the
junction to ambient thermal resistance θJA, and the ambient temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD_MAX= (TJ_MAX-TA)/θJA. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com