Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC5721 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC5721
Description  1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5721 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC5721 Datasheet HTML 4Page - E-CMOS Corporation EC5721 Datasheet HTML 5Page - E-CMOS Corporation EC5721 Datasheet HTML 6Page - E-CMOS Corporation EC5721 Datasheet HTML 7Page - E-CMOS Corporation EC5721 Datasheet HTML 8Page - E-CMOS Corporation EC5721 Datasheet HTML 9Page - E-CMOS Corporation EC5721 Datasheet HTML 10Page - E-CMOS Corporation EC5721 Datasheet HTML 11Page - E-CMOS Corporation EC5721 Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5721
E-CMOS Corp. (www.ecmos.com.tw)
3L23N-Rev.P001
Page 8 of 13
Electrical Characteristics
Absolute Maximum Ratings
Condition
Min
Max
Power Supply Voltage (VDD to Vss)
-0.5V
+7V
Analog Input Voltage (IN+ or IN-)
Vss-0.5V
VDD+0.5V
PDB Input Voltage
Vss-0.5V
+7V
Operating Temperature Range
-40°C
+125°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C
+150°C
Lead Temperature (soldering, 10sec)
+300°C
Package Thermal Resistance (TA=+25°C)
SOT23-
5, θ
JA
190°C
SOP-
8, θ
JA
130°C
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions outside
those indicated in the operational sections of this specification are not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com