Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP060T2 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BCP060T2
Description  HIGH EFFICIENCY pHEMT POWER FET CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP060T2 Datasheet(HTML) 4 Page - BeRex Corporation

  BCP060T2 Datasheet HTML 1Page - BeRex Corporation BCP060T2 Datasheet HTML 2Page - BeRex Corporation BCP060T2 Datasheet HTML 3Page - BeRex Corporation BCP060T2 Datasheet HTML 4Page - BeRex Corporation BCP060T2 Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCP060T2
Wire Bonding Information
Follow the wire bonding diagrams recommended by BeRex below to achieve optimum device performance. BeRex
recommends thermo-compression wedge bonding. As a general rule, bonding temperature should be kept to a
maximum of 280°C for no longer than 2 minutes for all bonding wires. Ultrasonic bonding is not recommended.
Bonding Wire information
1. Gate to input transmission line
- Length and Height : 400 um and 250 um
- Number of wire : 2 wire
2. Drain to output transmission line
- Length and Height : 350 um and 250 um
- Number of wire : 2 wire
3. Source to ground plate
- Length and Height : 200 um and 250 um
- Number of wire : 6 wires
※
The diameter of bonding wires : 1 mil
DIE ATTACH RECOMMENDATIONS:
BeRex recommends the “Eutectic” die attach using Au-Sn (80%-20%) pre-forms. The die attach station must have
accurate temperature control, and the operation should be performed with parts no hotter than 300°C for less
than 10 seconds. An inert forming gas (90% N2-10% H2) or clean, dry N2 should be used.
HANDLING PRECAUTIONS:
GaAs FETs are very sensitive to and may be damaged by Electrostatic Discharge (ESD). Therefore, proper ESD
precautions must be taken whenever you are handling these devices. It is critically important that all work
surfaces, and assembly equipment, as well as the operator be properly grounded when handling these devices to
prevent ESD damage.
STORAGE & SHIPPING:
BeRex’s standard chip device shipping package consists of an antistatic “Gel-Pak”, holding the chips, placed inside a
sealed antistatic and moisture barrier bag. This packaging is designed to provide a reasonable measure of
protection from both mechanical and ESD damage.
Chip devices should be stored in a clean, dry Nitrogen gas environment at room temperature until they are
required for assembly. Only open the shipping package or perform die assembly in a work area with a class 10,000
or better clean room environment to prevent contamination of the exposed devices.
www.berex.com
BeRex, Inc. 3350 Scot Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com