Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180A2IDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA180A2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180A2IDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA180A2IDBVT Datasheet HTML 6Page - Texas Instruments INA180A2IDBVT Datasheet HTML 7Page - Texas Instruments INA180A2IDBVT Datasheet HTML 8Page - Texas Instruments INA180A2IDBVT Datasheet HTML 9Page - Texas Instruments INA180A2IDBVT Datasheet HTML 10Page - Texas Instruments INA180A2IDBVT Datasheet HTML 11Page - Texas Instruments INA180A2IDBVT Datasheet HTML 12Page - Texas Instruments INA180A2IDBVT Datasheet HTML 13Page - Texas Instruments INA180A2IDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
190
195
200
205
210
D023
Common-mode Voltage (V)
-5
0
5
10
15
20
25
30
150
200
250
300
350
400
D031
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
-20
0
20
40
60
80
100
120
D021
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
75
76
77
78
79
80
81
82
83
84
85
D022
Output Current (mA)
0
5
10
15
20
25
30
35
40
45
50
55
60
V
S
V – 1
S
GND
GND + 1
GND + 2
D019
125°C
25 C
°
–40°C
V – 2
S
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
-20
0
20
40
60
80
100
120
D020
10
INA180, INA2180
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, and VIN+ = 12 V (unless otherwise noted)
Figure 19. Output Voltage Swing vs Output Current
Supply voltage = 5 V
Figure 20. Input Bias Current vs Common-Mode Voltage
Supply voltage = 0 V
Figure 21. Input Bias Current vs Common-Mode Voltage
(Shutdown)
Figure 22. Input Bias Current vs Temperature
Figure 23. Quiescent Current vs Temperature
Figure 24. Quiescent Current vs Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com