Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA181 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA181 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA181_17 Datasheet HTML 10Page - Texas Instruments INA181_17 Datasheet HTML 11Page - Texas Instruments INA181_17 Datasheet HTML 12Page - Texas Instruments INA181_17 Datasheet HTML 13Page - Texas Instruments INA181_17 Datasheet HTML 14Page - Texas Instruments INA181_17 Datasheet HTML 15Page - Texas Instruments INA181_17 Datasheet HTML 16Page - Texas Instruments INA181_17 Datasheet HTML 17Page - Texas Instruments INA181_17 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Bus Supply
±0.2 V to +26 V
High-Side Sensing
Low-Side Sensing
LOAD
Common-mode voltage (VCM)
is bus-voltage dependent.
Common-mode voltage (VCM)
is always near ground and is
isolated from bus-voltage spikes.
Direction of Positive
Current Flow
IN+
Direction of Positive
Current Flow
RSENSE
RSENSE
IN±
IN+
IN±
OUT
LOAD
SENSE
REF
V
I
R
GAIN
V
u
u
14
INA181, INA2181
SBOS793A – APRIL 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: INA181 INA2181
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 High Bandwidth and Slew Rate
The INAx181 support small-signal bandwidths as high as 350 kHz, and large-signal slew rates of 2 V/µs. The
ability to detect rapid changes in the sensed current, as well as the ability to quickly slew the output, make the
INAx181 a good choice for applications that require a quick response to input current changes. One application
that requires high bandwidth and slew rate is low-side motor control, where the ability to follow rapid changing
current in the motor allows for more accurate control over a wider operating range. Another application that
requires higher bandwidth and slew rates is system fault detection, where the INAx181 are used with an external
comparator and a reference to quickly detect when the sensed current is out of range.
8.3.2 Bidirectional Current Monitoring
The INA181 senses current flow through a sense resistor in both directions. The bidirectional current-sensing
capability is achieved by applying a voltage at the REF pin to offset the output voltage. A positive differential
voltage sensed at the inputs results in an output voltage that is greater than the applied reference voltage;
likewise, a negative differential voltage at the inputs results in output voltage that is less than the applied
reference voltage. The output voltage of the current-sense amplifier is shown in Equation 1.
where
•
ILOAD is the load current to be monitored.
•
RSENSE is the current-sense resistor.
•
GAIN is the gain option of the selected device.
•
VREF is the voltage applied to the REF pin.
(1)
8.3.3 Wide Input Common-Mode Voltage Range
The INAx181 support input common-mode voltages from –0.2 V to +26 V. Because of the internal topology, the
common-mode range is not restricted by the power-supply voltage (VS) as long as VS stays within the operational
range of 2.7 V to 5.5 V. The ability to operate with common-mode voltages greater or less than VS allow the
INAx181 to be used in high-side, as well as low-side, current-sensing applications, as shown in Figure 36.
Figure 36. High-Side and Low-Side Sensing Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com