Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5755M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755M
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5755M Datasheet HTML 17Page - Texas Instruments TAS5755M Datasheet HTML 18Page - Texas Instruments TAS5755M Datasheet HTML 19Page - Texas Instruments TAS5755M Datasheet HTML 20Page - Texas Instruments TAS5755M Datasheet HTML 21Page - Texas Instruments TAS5755M Datasheet HTML 22Page - Texas Instruments TAS5755M Datasheet HTML 23Page - Texas Instruments TAS5755M Datasheet HTML 24Page - Texas Instruments TAS5755M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
MCLK
SCLK
LRCLK
Protection
Logic
Click and Pop
Control
Digital Audio Processor
(DAP)
SDA
SCL
4 -Order
th
Noise Shaper
and PWM
S
R
C
Sample Rate
Autodetect
and PLL
Serial
Control
Microcontroller
Based
System
Control
Terminal Control
OUT_A
OUT_B
2 HB
´
FET Out
OUT_C
OUT_D
2 HB
´
FET Out
B0262-14
SDIN
Serial
Audio
Port
21
TAS5755M
www.ti.com
SLOS982 – AUGUST 2017
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Parameter Measurement Information
All parameters are measured according to the conditions described in the Specifications section.
9 Detailed Description
9.1 Overview
The TAS5755M an efficient 50-W stereo I2S input Class-D audio power amplifier. The digital auto processor of
the device uses noise shaping and customized correction algorithms to achieve a great power efficiency and high
audio performance. Also, the device has up to eight Equalizers per channel and two -band configurable Dynamic
Range Control (DRC).
The device needs only a single DVDD supply in addition to the higher-voltage PVDD power supply. An internal
voltage regulator provides suitable voltage levels for the gate drive circuit. The wide PVDD power supply range of
the device enables its use in a multitude of applications.
The TAS5755M is a slave-only device that is controlled by a bidirectional I2C interface that supports both 100-
kHz and 400-kHz data transfer rates for single- and multiple-byte write and read operations. This control interface
is used to program the registers of the device and read the device status.
The PWM of this device operates with a carrier frequency between 384 kHz and 354 kHz, depending the
sampling rate. This device allows the use of the same clock signal for both MCLK and BCLK (64xFs) when using
a sampling frequency of 44.1 kHz or 48 kHz.
This device can be used in three different modes of operation, Stereo BTL mode, Single filter PBTL mono mode,
and 2.1 mode.
9.2 Functional Block Diagrams
Figure 43. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com