Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA4180A2IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA4180A2IPWR
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA4180A2IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA4180A2IPWR Datasheet HTML 17Page - Texas Instruments INA4180A2IPWR Datasheet HTML 18Page - Texas Instruments INA4180A2IPWR Datasheet HTML 19Page - Texas Instruments INA4180A2IPWR Datasheet HTML 20Page - Texas Instruments INA4180A2IPWR Datasheet HTML 21Page - Texas Instruments INA4180A2IPWR Datasheet HTML 22Page - Texas Instruments INA4180A2IPWR Datasheet HTML 23Page - Texas Instruments INA4180A2IPWR Datasheet HTML 24Page - Texas Instruments INA4180A2IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SENSE
SENSE
Total Offset Error (V)
Total Offset Error (%) =
100%
I
R
u
u
INA180
Power Supply, VS
2.7 V to 5.5 V
Load
Supply
RSENSE
GND
VS
Load
IN±
IN+
OUT
+
±
CBYPASS
0.1 µF
Copyright © 2017, Texas Instruments Incorporated
VOUT
21
INA180, INA2180
www.ti.com
SBOS741A – APRIL 2017 – REVISED AUGUST 2017
Product Folder Links: INA180 INA2180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.2 Typical Application
Figure 41. Low-Side Sensing
9.2.1 Design Requirements
The design requirements for the circuit shown in Figure 41, are listed in Table 3
Table 3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage, VS
5 V
Low-side current sensing
VCM = 0 V
Mode of operation
Unidirectional
RSENSE power loss
< 900 mW
Maximum sense current, IMAX
40 A
Accuracy
Less than 1.5% at maximum current, TJ = 25°C
Small-signal bandwidth
> 80 kHz
9.2.2 Detailed Design Procedure
The maximum value of the current sense resistor is calculated based on the maximum power loss requirement.
By applying Equation 1, the maximum value of the current-sense resistor is calculated to be 0.563 mΩ. This is
the maximum value for sense resistor RSENSE; therefore, select RSENSE to be 0.5 mΩ because it is the closest
standard resistor value that meets the power-loss requirement.
The next step is to select the appropriate gain and reduce RSENSE, if needed, to keep the output signal swing
within the VS range. Using Equation 2, and given that IMAX = 40 A and RSENSE = 0.5 mΩ, the maximum current-
sense gain calculated to avoid the positive swing-to-rail limitations on the output is 248.5. To maximize the output
signal range, the INA180A4 (gain = 200) device is selected for this application.
To calculate the accuracy at peak current, the two factors that must be determined are the gain error and the
offset error. The gain error of the INAx180 is specified to be a maximum of 1%. The error due to the offset is
constant, and is specified to be 125 µV (maximum) for the conditions where VCM = 0 V and VS = 5 V. Using
Equation 6, the percentage error contribution of the offset voltage is calculated to be 0.75%, with total offset error
= 150 µV, RSENSE = 0.5 mΩ, and ISENSE = 40 A.
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com