Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX136 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX136
Description  6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX136 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX136 Datasheet HTML 1Page - Texas Instruments TMUX136 Datasheet HTML 2Page - Texas Instruments TMUX136 Datasheet HTML 3Page - Texas Instruments TMUX136 Datasheet HTML 4Page - Texas Instruments TMUX136 Datasheet HTML 5Page - Texas Instruments TMUX136 Datasheet HTML 6Page - Texas Instruments TMUX136 Datasheet HTML 7Page - Texas Instruments TMUX136 Datasheet HTML 8Page - Texas Instruments TMUX136 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Charge
Pump
Note A: EN is the internal enable signal applied to the switch.
A
EN (see Note A)
B
V
CC
COM2
COM1
A2
A1
B2
B1
SEL
EN
Digital Control
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMUX136
SCDS367A – AUGUST 2017 – REVISED OCTOBER 2017
TMUX136 6-GHz, 2-Channel, 2:1 Switch, With Power-off Isolation
1
1 Features
1
•
VCC Range 2.3 V to 4.8 V
•
High Performance Switch Characteristics:
–
Bandwidth (–3 dB): 6.1 GHz
–
RON (Typical): 5.7 Ω
–
CON (Typical): 1.6 pF
•
Current Consumption: 30 µA (Typical)
•
Special Features:
–
IOFF Protection Prevents Current Leakage in
Powered-Down State
–
1.8-V Compatible Control Inputs (SEL, EN)
•
ESD Performance:
–
5-kV Human Body Model (A114B, Class II)
–
1-kV Charged-Device Model (C101)
•
Compact 10-Pin UQFN Package
(1.5-mm × 2-mm, 0.5-mm Pitch)
2 Applications
•
Handset: Smartphone
•
Notebook PC
•
Tablet: Multimedia
•
Electronic point of Sale
•
Field instrumentation
•
Portable Monitor
3 Description
The TMUX136 device is a high performance, 6-GHz,
2-channel, 2:1 switch that will support both differential
and single ended signals. The device has a wide VCC
range of 2.3 V to 4.8 V and supports a power-off
protection feature forcing all I/O pins to be in high-
impedance mode when power is not present on the
VCC pin. The select pins of TMUX136 are compatible
with 1.8-V control voltage, allowing them to be
directly interfaced with the General-Purpose I/O
(GPIO) from low voltage processors.
The TMUX136 comes in a small 10-pin UQFN
package with only 1.5 mm × 2 mm in size, which
makes it useful when PCB area is limited.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX136
UQFN (10)
1.50 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
Functional Block Diagram


Similar Part No. - TMUX136

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX13 TI-TMUX13 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 37P
TMUX130x 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI1-TMUX1308 Datasheet
1Mb / 43P
TMUX130x-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308 Datasheet
2Mb / 42P
TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308 Datasheet
2Mb / 43P
TMUX13xx-Q1 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
More results

Similar Description - TMUX136

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2524 NJRC-NJM2524 Datasheet
131Kb / 4P
2 INPUT 1 OUTPUT 3ch VIDEO SWITCH with ISOLATION AMP
logo
Fairchild Semiconductor
FSA4159 FAIRCHILD-FSA4159 Datasheet
312Kb / 13P
Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
FSA4159 FAIRCHILD-FSA4159_07 Datasheet
605Kb / 14P
Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
logo
NEC
UPG2185T6R NEC-UPG2185T6R Datasheet
83Kb / 9P
SPDT SWITCH FOR 2 GHz TO 6 GHz
logo
Hittite Microwave Corpo...
HMC975 HITTITE-HMC975 Datasheet
594Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 2 - 50 GHz
logo
Hexawave, Inc
HWS541_V1 HW-HWS541_V1 Datasheet
52Kb / 2P
GaAs 2-6 GHz SPDT Switch
HWS504_V3 HW-HWS504_V3 Datasheet
74Kb / 3P
GaAs 2-6 GHz SPDT Switch
logo
Texas Instruments
TMUX154E TI1-TMUX154E Datasheet
1Mb / 26P
ESD-Protected, Low Capacitance, 2-Channel, 2:1 Switch, With Powered-off Protection
logo
Vishay Siliconix
DG4599E VISHAY-DG4599E Datasheet
177Kb / 11P
Power-off Isolation, 6 Ω, 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
23-Apr-18
logo
Texas Instruments
TMUX121 TI-TMUX121 Datasheet
896Kb / 18P
TMUX121 Low-Capacitance, 2-Channel, 2:1 Switch with Power-Off Isolation and 1.8-V Logic
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com