Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4051F Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4051F
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4051F Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD54HC4051F Datasheet HTML 9Page - Texas Instruments CD54HC4051F Datasheet HTML 10Page - Texas Instruments CD54HC4051F Datasheet HTML 11Page - Texas Instruments CD54HC4051F Datasheet HTML 12Page - Texas Instruments CD54HC4051F Datasheet HTML 13Page - Texas Instruments CD54HC4051F Datasheet HTML 14Page - Texas Instruments CD54HC4051F Datasheet HTML 15Page - Texas Instruments CD54HC4051F Datasheet HTML 16Page - Texas Instruments CD54HC4051F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
FIGURE 8A.
FIGURE 8B. HC TYPES
FIGURE 8C. HCT TYPES
FIGURE 8. SWITCH PROPAGATION DELAY, TURN-ON, TURN-OFF TIMES
FIGURE 9. SWITCH ON/OFF PROPAGATION DELAY TEST
CIRCUIT
FIGURE 10. SWITCH IN TO SWITCH OUT PROPAGATION
DELAY TEST CIRCUIT
Test Circuits and Waveforms (Continued)
50%
10%
90%
VCC
SWITCH INPUT
tr = 6ns
tf = 6ns
tPHL
tPLH
VEE
50%
10%
90%
SWITCH OUTPUT
50%
10%
90%
GND
VCC
10%
90%
50%
50%
E OR Sn
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
SWITCH ON
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
SWITCH ON
SWITCH OFF
1.3
0.3
2.7
GND
3V
10%
90%
50%
50%
E OR Sn
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
SWITCH ON
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
SWITCH ON
SWITCH OFF
tr
tf
OUT
VCC FOR
VEE FOR
RL = 1kΩ
CL
50pF
TG
VEE FOR
VCC FOR
IN
tPLZ AND tPZL
tPHZ AND tPZH
tPLZ AND tPZL
tPHZ AND tPZH
OUT
50pF
TG
IN
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com