Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC5822 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC5822
Description  10MHz, Low-Power, CMOS, Rail-to-Rail Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5822 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC5822 Datasheet HTML 4Page - E-CMOS Corporation EC5822 Datasheet HTML 5Page - E-CMOS Corporation EC5822 Datasheet HTML 6Page - E-CMOS Corporation EC5822 Datasheet HTML 7Page - E-CMOS Corporation EC5822 Datasheet HTML 8Page - E-CMOS Corporation EC5822 Datasheet HTML 9Page - E-CMOS Corporation EC5822 Datasheet HTML 10Page - E-CMOS Corporation EC5822 Datasheet HTML 11Page - E-CMOS Corporation EC5822 Datasheet HTML 12Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
10MHz, Low-Power, CMOS,
Rail-to-Rail Dual Operational Amplifier
EC5822
E-CMOS Corp. (www.ecmos.com.tw)
3K29N-Rev.P001
Page 11 of 12
Package Information
SOP-8
Note:
1. Controlling Dimension:MM
2. Dimension D and E1 do not include Mold protrusion
3. Dimension b does not include dambar protrusion/intrusion.
4. Refer to Jedec standard MS-012
5. Drawing is not to scale
SYMBOLS
DIMENSIONS IN MILLIMETER
S
DIMENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
1.35
--
1.75
0.053
--
0.069
A1
0.10
--
0.25
0.004
--
0.010
b
0.33
--
0.51
0.013
--
0.020
D
4.80
--
5.00
0.189
--
0.197
E
5.80
--
6.20
0.228
--
0.244
E1
3.80
--
4.00
0.150
--
0.157
e
1.27 BSC.
0.050 BSC.
L
0.38
--
1.27
0.015
0.050
L1
0.25 BSC.
0.010 BSC.
ZD
0.545 REF.
0.021 REF.
Θ
0
--
0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com