Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9215 Datasheet(PDF) 12 Page - E-CMOS Corporation

Part # EC9215
Description  Step-up DC/DC Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9215 Datasheet(HTML) 12 Page - E-CMOS Corporation

Back Button EC9215 Datasheet HTML 7Page - E-CMOS Corporation EC9215 Datasheet HTML 8Page - E-CMOS Corporation EC9215 Datasheet HTML 9Page - E-CMOS Corporation EC9215 Datasheet HTML 10Page - E-CMOS Corporation EC9215 Datasheet HTML 11Page - E-CMOS Corporation EC9215 Datasheet HTML 12Page - E-CMOS Corporation EC9215 Datasheet HTML 13Page - E-CMOS Corporation EC9215 Datasheet HTML 14Page - E-CMOS Corporation EC9215 Datasheet HTML 15Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Step-up DC/DC Controller
EC9215
E-CMOS Corp. (www.ecmos.com.tw)
Page 12 of 15
5J15N-Rev.F001
Function Description
Setting Oscillating Frequency
The oscillator circuit generates a triangular saw tooth wave with a peak of 0.9V and through
0.16V using the timing capacitor (CT) and the timing resistor (RT ) that are connected to OSC pin.
This oscillator can provide oscillating frequency up to 1MHz
Setting Output Voltage
The output voltage is set using the INV pin and a resistor divider connected to the output is
shown in the Typical Operating Circuit. The internal reference voltage is 0.5V with 2% variation,
so the ratio of the feedback resistors sets the output voltage according to the following
equation:
To avoid the thermal noise from feedback resistor, the resistance R2 is smaller than 100kW and
1% variation is recommended.
Error Amplifier
The
error amplifier detects
the
output
voltage
of
the switching regulator and outputs the
PWM control signal. The voltage gain is fixed, and connecting a phase compensation resistor
and capacitor to the FB pin (pin 8) provides stable phase compensation for the system.
PWM Comparator
The voltage comparator has one inverting and three non-inverting inputs. The comparator is a
voltage/pulse width converter that controls the ON time of the output pulse depending on the
input voltage. The output level is high (H) when the saw-tooth wave is lower than the error
amplifier output voltage, soft‐ start setting voltage, and idle period setting voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com