Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7136CPLZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7136CPLZ
Description  3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7136CPLZ Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7136CPLZ Datasheet HTML 1Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 2Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 3Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 4Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 5Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 6Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 7Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 8Page - Intersil Corporation ICL7136CPLZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN3086.6
July 21, 2005
Typical Integrator Amplifier Output Waveform (INT Pin)
Design Information Summary Sheet
• OSCILLATOR FREQUENCY
fOSC = 0.45/RC
COSC > 50pF; ROSC > 50kΩ
fOSC (Typ) = 48kHz
• OSCILLATOR PERIOD
tOSC = RC/0.45
• INTEGRATION CLOCK FREQUENCY
fCLOCK = fOSC/4
• INTEGRATION PERIOD
tINT = 1000 x (4/fOSC)
• 60/50Hz REJECTION CRITERION
tINT/t60Hz or tlNT/t50Hz = Integer
• OPTIMUM INTEGRATION CURRENT
IINT = 1µA
• FULL SCALE ANALOG INPUT VOLTAGE
VlNFS (Typ) = 200mV or 2V
• INTEGRATE RESISTOR
• INTEGRATE CAPACITOR
• INTEGRATOR OUTPUT VOLTAGE SWING
•VINT MAXIMUM SWING:
(V- + 0.5V) < VINT < (V+ - 0.5V), VINT (Typ) = 2V
• DISPLAY COUNT
• CONVERSION CYCLE
tCYC = tCL0CK x 4000
tCYC = tOSC x 16,000
when fOSC = 48kHz; tCYC = 333ms
• COMMON MODE INPUT VOLTAGE
(V- + 1V) < VlN < (V+ - 0.5V)
• AUTO-ZERO CAPACITOR
0.01
µF < CAZ < 1µF
• REFERENCE CAPACITOR
0.1
µF < CREF < 1µF
•VCOM
Biased between V+ and V-.
•VCOM ≅ V+ - 2.8V
Regulation lost when V+ to V- <
≅6.8V.
If VCOM is externally pulled down to (V + to V -)/2,
the VCOM circuit will turn off.
• POWER SUPPLY: SINGLE 9V
V+ - V- = 9V
Digital supply is generated internally
VTEST ≅ V+ - 4.5V
•DISPLAY: LCD
Type: Direct drive with digital logic supply amplitude.
RINT
VINFS
IINT
-----------------
=
CINT
tINT
() I
INT
()
VINT
--------------------------------
=
VINT
tINT
() I
INT
()
CINT
--------------------------------
=
COUNT
1000
VIN
VREF
---------------
×
=
AUTO ZERO PHASE
(COUNTS)
2999 - 1000
SIGNAL INTEGRATE
PHASE FIXED
1000 COUNTS
DE-INTEGRATE PHASE
0 - 1999 COUNTS
TOTAL CONVERSION TIME = 4000 x tCLOCK = 16,000 x tOSC
ICL7136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com