Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ621 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILQ621
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ621 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILQ621 Datasheet HTML 1Page - Vishay Siliconix ILQ621 Datasheet HTML 2Page - Vishay Siliconix ILQ621 Datasheet HTML 3Page - Vishay Siliconix ILQ621 Datasheet HTML 4Page - Vishay Siliconix ILQ621 Datasheet HTML 5Page - Vishay Siliconix ILQ621 Datasheet HTML 6Page - Vishay Siliconix ILQ621 Datasheet HTML 7Page - Vishay Siliconix ILQ621 Datasheet HTML 8Page - Vishay Siliconix ILQ621 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 83654
Rev. 1.3, 19-Apr-04
VISHAY
ILD621/ GB/ ILQ621/ GB
Vishay Semiconductors
Switching Characteristics
Non-saturated switching timing
Saturated switching timing
Common Mode Transient Immunity
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
On Time
IF = ± 10 mA, VCC = 5.0 V,
RL = 75 Ω, 50 % of VPP
ton
3.0
µs
Rise time
IF = ± 10 mA, VCC = 5.0 V,
RL = 75 Ω, 50 % of VPP
tr
2.0
µs
Off time
IF = ± 10 mA, VCC = 5.0 V,
RL = 75 Ω, 50 % of VPP
toff
2.3
µs
Fall time
IF = ± 10 mA, VCC = 5.0 V,
RL = 75 Ω, 50 % of VPP
tf
2.0
µs
Propagation H-L
IF = ± 10 mA, VCC = 5.0 V,
RL = 75 Ω, 50 % of VPP
tPHL
1.1
µs
Propagation L-H
IF = ± 10 mA, VCC = 5.0 V,
RL = 75 Ω, 50 % of VPP
tPLH
2.5
µs
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
On time
IF = ± 10 mA, VCC = 5.0 V,
RL = 1.0 KΩ, VTH = 1.5 V
ton
4.3
µs
Rise time
IF = ± 10 mA, VCC = 5.0 V,
RL = 1.0 KΩ, VTH = 1.5 V
tr
2.8
µs
Off time
IF = ± 10 mA, VCC = 5.0 V,
RL = 1.0 KΩ, VTH = 1.5 V
toff
2.5
µs
Fall time
IF = ± 10 mA, VCC = 5.0 V,
RL = 1.0 KΩ, VTH = 1.5 V
tf
11
µs
Propagation H-L
IF = ± 10 mA, VCC = 5.0 V,
RL = 1.0 KΩ, VTH = 1.5 V
tPHL
2.6
µs
Propagation L-H
IF = ± 10 mA, VCC = 5.0 V,
RL = 1.0 KΩ, VTH = 1.5 V
tPLH
7.2
µs
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Common mode rejection output
high
VCM = 50 VP-P, RL = 1.0 KΩ,
IF = 0 mA
CMH
5000
V/
µs
Common mode rejection output
low
VCM = 50 VP-P, RL = 1.0 KΩ,
IF = 10 mA
CML
5000
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com