Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5DBF Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # ES5DBF
Description  5.0 A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

ES5DBF Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  ES5DBF Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ES5DBF Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
Pulse width = 300 s
j
°
µ
50V DC
Approx
50
NI (Non-inductive)
Ω
10
NI
Ω
1.0
NI
Ω
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Ω
Ω
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
-
-
2.0
3.0
25
75
100
50
125
150
175
T , TERMINAL TEMPERATURE ( C)
Fi . 1 Forward Current Deratin Curve
T
°
4.0
5.0
0
40
60
80
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Surge Current Derating Curve
Single Half-Sine-Wave
(JEDEC Method)
100
120
140
Single phase half wave
Resistive or Inductive load
ES5ABF-ES5DBF
ES5EBF-ES5GBF
ES5JBF
ES5 ABF – ES5 JBF
ES5 ABF – ES5 JBF
Alldatasheet



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com