Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52790 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M52790
Description  AV SWITCH with I2C BUS CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52790 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M52790 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52790 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M I T S U B I S H I
- 9
MITSUBISHI ICs (AV COMMON)
M52790SP/FP
AV SWITCH with I2C BUS CONTROL
PRELIMINARY
Notice. This is not a final specification.
Some parametric limits are subject to change.
AUG.'98
BLOCK DIAGRAM
2
VIDEO 2 IN
Y 1 OUT
Y 2 IN
Y 3 IN
Y 4 IN
C 2 IN
C 3 IN
C 4 IN
TUNER IN
VIDEO 3 IN
VIDEO 4 IN
Y 2 OUT
C 1 OUT
C 2 OUT
V 1 OUT
V 2 OUT
SDA
SCL
GND
CHIP SELECT
VCC
C IN
Y IN
Rch 1 OUT
Lch 1 OUT
Rch 2 OUT
Lch 2 OUT
Rch T IN
Lch 3 IN
Rch 2 IN
Rch 3 IN
Rch 4 IN
Lch 4 IN
Lch 2 IN
Lch T IN
BIAS
2
BIAS
I C Control
S
N
N
S
0/6dB
0dB
0/6dB
0/6dB
0/6dB
0/6dB
0/6dB
0dB
0dB
0dB
L
R
M
L
R
M
L
R
M
L
R
M
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
2
V-SW1
V-SW2
Y-SW1
Y-SW2
C-SW1
C-SW2
R-SW1
R-SW2
L-SW1
L-SW2
R-MODE1
R-MODE2
L-MODE1
L-MODE2
Y/C
Sepa.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com