Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB5U Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # MB5U
Description  High Performance isolated BiSS to PC Adapter (USB)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB5U Datasheet(HTML) 2 Page - IC-Haus GmbH

  MB5U Datasheet HTML 1Page - IC-Haus GmbH MB5U Datasheet HTML 2Page - IC-Haus GmbH MB5U Datasheet HTML 3Page - IC-Haus GmbH MB5U Datasheet HTML 4Page - IC-Haus GmbH MB5U Datasheet HTML 5Page - IC-Haus GmbH MB5U Datasheet HTML 6Page - IC-Haus GmbH MB5U Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
preliminary
preliminary
MB5U
High Performance isolated BiSS to PC Adapter (USB)
Rev A2, Page 2/7
DESCRIPTION
The MB5U is a PC-USB 2.0 high speed interface BiSS master based on FPGA logic system design.
BiSS Interface Functions and Features:
• Up to 8 BiSS slaves
• RS422 10 MBit/s maximum data transfer rate
• SSI master
• BiSS C unidirectional and BiSS C master
• BiSS master MB100 BiSS IP based
• USB 2.0 interface up to 30 MBit/s data transfer
• USB 1.1 interface compatibility to 12 MBit/s data transfer
• Adapter USB bus powered
• Devices adapter powerable
• FPGA integrated 1st level RAM
• Available drivers for 32- and 64 bit versions of the following platforms:
– Windows 8.1
– Windows 8
– Windows 7
– Windows Vista
– Windows XP
– Windows Embedded 8 Standard
– Windows Embedded Standard 7 (WES7)
– Windows Embedded Enterprise Windows Embedded POSReady
– Windows Embedded Server Windows XP embedded
– Windows Server 2012 R2 Windows Server 2012
– Windows Server 2008 R2 Windows Server 2008
– Windows Server 2003
– Windows Home Server.
The device offered here is a multifunctional iC that contains integrated BiSS C interface components. The BiSS C process is protected
by patent DE 10310622 B4 owned by iC-Haus GmbH. Users benefit from the open BiSS C protocol with a free license which is
necessary when using the BiSS C protocol in conjunction with this iC.
Download the license at www.biss-interface.com/BUA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com