Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # P6SMB
Description  6.8-550 Volts Peak pulse power: 600 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

P6SMB Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  P6SMB Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd P6SMB Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd P6SMB Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd P6SMB Datasheet HTML 4Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (TA=25℃
℃
)
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(μA)
Agency
Approval
UNI
BI
MIN
MAX
P6SMB6.8A
P6SMB6.8CA
6V8A
6V8C
5.80
6.45
7.14
10
10.5
58.1
1000
X
P6SMB7.5A
P6SMB7.5CA
7V5A
7V5C
6.40
7.13
7.88
10
11.3
54.0
500
X
P6SMB8.2A
P6SMB8.2CA
8V2A
8V2C
7.02
7.79
8.61
10
12.1
50.4
200
X
P6SMB9.1A
P6SMB9.1CA
9V1A
9V1C
7.78
8.65
9.55
1
13.4
45.5
50
X
P6SMB10A
P6SMB10CA
10A
10C
8.55
9.50
10.50
1
14.5
42.1
10
X
P6SMB11A
P6SMB11CA
11A
11C
9.40
10.50
11.60
1
15.6
39.1
5
X
P6SMB12A
P6SMB12CA
12A
12C
10.20
11.40
12.60
1
16.7
36.5
5
X
P6SMB13A
P6SMB13CA
13A
13C
11.10
12.40
13.70
1
18.2
33.5
1
X
P6SMB15A
P6SMB15CA
15A
15C
12.80
14.30
15.80
1
21.2
28.8
1
X
P6SMB16A
P6SMB16CA
16A
16C
13.60
15.20
16.80
1
22.5
27.1
1
X
P6SMB18A
P6SMB18CA
18A
18C
15.30
17.10
18.90
1
25.5
24.2
1
X
P6SMB20A
P6SMB20CA
20A
20C
17.10
19.00
21.00
1
27.7
22.0
1
X
P6SMB22A
P6SMB22CA
22A
22C
18.80
20.90
23.10
1
30.6
19.9
1
X
P6SMB24A
P6SMB24CA
24A
24C
20.50
22.80
25.20
1
33.2
18.4
1
X
P6SMB27A
P6SMB27CA
27A
27C
23.10
25.70
28.40
1
37.5
16.3
1
X
P6SMB30A
P6SMB30CA
30A
30C
25.60
28.50
31.50
1
41.4
14.7
1
X
P6SMB33A
P6SMB33CA
33A
33C
28.20
31.40
34.70
1
45.7
13.3
1
X
P6SMB36A
P6SMB36CA
36A
36C
30.80
34.20
37.80
1
49.9
12.2
1
X
P6SMB39A
P6SMB39CA
39A
39C
33.30
37.10
41.00
1
53.9
11.3
1
X
P6SMB43A
P6SMB43CA
43A
43C
36.80
40.90
45.20
1
59.3
10.3
1
X
P6SMB47A
P6SMB47CA
47A
47C
40.20
44.70
49.40
1
64.8
9.4
1
X
P6SMB51A
P6SMB51CA
51A
51C
43.60
48.50
53.60
1
70.1
8.7
1
X
P6SMB56A
P6SMB56CA
56A
56C
47.80
53.20
58.80
1
77.0
7.9
1
X
P6SMB62A
P6SMB62CA
62A
62C
53.00
58.90
65.10
1
85.0
7.2
1
X
P6SMB68A
P6SMB68CA
68A
68C
58.10
64.60
71.40
1
92.0
6.6
1
X
P6SMB75A
P6SMB75CA
75A
75C
64.10
71.30
78.80
1
103.0
5.9
1
X
P6SMB82A
P6SMB82CA
82A
82C
70.10
77.90
86.10
1
113.0
5.4
1
X
P6SMB91A
P6SMB91CA
91A
91C
77.80
86.50
95.50
1
125.0
4.9
1
X
P6SMB100A
P6SMB100CA
100A
100C
85.50
95.00
105.00
1
137.0
4.5
1
X
P6SMB110A
P6SMB110CA
110A
110C
94.00
105.00
116.00
1
152.0
4.0
1
X
P6SMB120A
P6SMB120CA
120A
120C
102.00
114.00
126.00
1
165.0
3.7
1
X
P6SMB130A
P6SMB130CA
130A
130C
111.00
124.00
137.00
1
179.0
3.4
1
X
P6SMB150A
P6SMB150CA
150A
150C
128.00
143.00
158.00
1
207.0
2.9
1
X
P6SMB160A
P6SMB160CA
160A
160C
136.00
152.00
168.00
1
219.0
2.8
1
X
P6SMB170A
P6SMB170CA
170A
170C
145.00
162.00
179.00
1
234.0
2.6
1
X
P6SMB180A
P6SMB180CA
180A
180C
154.00
171.00
189.00
1
246.0
2.5
1
X
P6SMB200A
P6SMB200CA
200A
200C
171.00
190.00
210.00
1
274.0
2.2
1
X
P6SMB220A
P6SMB220CA
220A
220C
185.00
209.00
231.00
1
328.0
1.9
1
X
P6SMB250A
P6SMB250CA
250A
250C
214.00
237.00
263.00
1
344.0
1.8
1
X
P6SMB300A
P6SMB300CA
300A
300C
256.00
285.00
315.00
1
414.0
1.5
1
X
P6SMB350A
P6SMB350CA
350A
350C
300.00
332.00
368.00
1
482.0
1.3
1
X
P6SMB400A
P6SMB400CA
400A
400C
342.00
380.00
420.00
1
548.0
1.1
1
X
P6SMB440A
P6SMB440CA
440A
440C
376.00
418.00
462.00
1
602.0
1.0
1
X
P6SMB480A
P6SMB480CA
480A
480C
408.00
456.00
504.00
1
658.0
0.9
1
P6SMB510A
P6SMB510CA
510A
510C
434.00
485.00
535.00
1
698.0
0.9
1
P6SMB530A
P6SMB530CA
530A
530C
477.00
503.50
556.50
1
725.0
0.8
1
P6SMB540A
P6SMB540CA
540A
540C
486.00
513.00
567.00
1
740.0
0.8
1
P6SMB550A
P6SMB550CA
550A
550C
495.00
522.50
577.50
1
760.0
0.8
1
For bidirectional type having V
R of 10 volts and less, the IR limit is double.
The avaliable parts are “A” type only, the parts without A (V
BR is ± 10%) is not avaliable.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com