| Electronic Components Datasheet Search |
|
ECT25S16 Datasheet(PDF) 3 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S16 Datasheet(HTML) 3 Page - E-CMOS Corporation |
|
3 / 45 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 3 of 45 5B05N-Rev.F001 ECT25S16 16M BIT SPI NOR FLASH Figure 3. Pin Configuration DIP8L Signal Description During all operations, VCC must be held stable and within the specified valid range: VCC(min) to VCC(max) All of the input and output signals must be held High or Low (according to voltages of VIH, VOH,VIL or VOL See Section “DC Electrical Characteristics”).These signals are described next. Input / Output Summary Table 1. Signal Names Chip Select (/CS) The chip select signal indicates when a instruction for the device is in process and the other signals are relevant for the memory device.When the /CS signal is at the logic high state, the device is not selected and all input signals are ignored and all output signals are high impedance. Unless an internal Program, Erase or Write Status Registers embedded operation is in progress, the device will be in the Standby Power mode. Driving the /CS input to logic low state enables the device, placing it in the Active Power mode. After Power Up, a falling edge on /CS is required prior to the start of any instruction. Pin Name I/O Description /CS I Chip Select SO (IO1) I/O Serial Output for single bit data Instructions. IO1 for Dual or Quad Instructions. /WP (IO2) I/O Write Protect in single bit or Dual data Instructions. IO2 in Quad mode. The signal has an internal pull-up resistor and may be left unconnected in the host system if not used for Quad Instructions. VSS Ground SI (IO0) I/O Serial Input for single bit data Instructions. IO0 for Dual or Quad Instructions. SCLK I Serial Clock /HOLD (IO3) I/O Hold (pause) serial transfer in single bit or Dual data Instructions. IO3 in Quad-I/O mode. The signal has an internal pull-up resistor and may be left unconnected in the host system if not used for Quad Instructions. VCC Core and I/O Power Supply |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |