Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF355 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF355
Description  JFET Input Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF355 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LF355 Datasheet HTML 15Page - National Semiconductor (TI) LF355 Datasheet HTML 16Page - National Semiconductor (TI) LF355 Datasheet HTML 17Page - National Semiconductor (TI) LF355 Datasheet HTML 18Page - National Semiconductor (TI) LF355 Datasheet HTML 19Page - National Semiconductor (TI) LF355 Datasheet HTML 20Page - National Semiconductor (TI) LF355 Datasheet HTML 21Page - National Semiconductor (TI) LF355 Datasheet HTML 22Page - National Semiconductor (TI) LF355 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Typical Applications (Continued)
High Accuracy Sample and Hold
00564627
By closing the loop through A2, the V
OUT accuracy will be determined uniquely by A1.
No V
OS adjust required for A2.
T
A can be estimated by same considerations as previously but, because of the added
propagation delay in the feedback loop (A2) the overshoot is not negligible.
Overall system slower than fast sample and hold
R1, C
C: additional compensation
Use LF156 for
j Fast settling time
j Low VOS
High Q Band Pass Filter
00564628
By adding positive feedback (R2)
Q increases to 40
f
BP = 100 kHz
Clean layout recommended
Response to a 1Vp-p tone burst: 300µs
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com