Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3433 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3433
Description  High Voltage Step-Up/Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3433 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3433 Datasheet HTML 2Page - Linear Technology LT3433 Datasheet HTML 3Page - Linear Technology LT3433 Datasheet HTML 4Page - Linear Technology LT3433 Datasheet HTML 5Page - Linear Technology LT3433 Datasheet HTML 6Page - Linear Technology LT3433 Datasheet HTML 7Page - Linear Technology LT3433 Datasheet HTML 8Page - Linear Technology LT3433 Datasheet HTML 9Page - Linear Technology LT3433 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT3433
3433ia
PI FU CTIO S
The time from VSS = 0V to maximum available current can
be calculated given a capacitor CSS as:
tSS = (2.7 • 105)CSS or 0.27s/µF
SHDN (Pin 11): Shutdown. If the SHDN pin is externally
pulled below 0.5V, low current shutdown mode is initiated.
During shutdown mode, all internal functions are disabled,
and ICC is reduced to 10µA. This pin is intended to receive
a digital input, however, there is a small amount of input
hysteresis built into the SHDN circuit to help assure glitch-
free mode switching. If shutdown is not desired, connect
the SHDN pin to VIN.
VBIAS (Pin 12): Internal Local Supply. Much of the LT3433
circuitry is powered from this supply, which is internally
regulated to 2.5V through an on-board linear regulator.
Current drive for this regulator is sourced from the VIN pin.
The VBIAS supply is short-circuit protected to 5mA.
The VBIAS supply only sources current, so forcing this pin
above the regulated voltage allows the use of external power
for much of the LT3433 circuitry. When using external drive,
this pin should be driven above 3V to assure the internal
supply is completely disabled. This pin is typically diode-
connected to the converter output to maximize conversion
efficiency. This pin must be bypassed with at least a 0.1
µF
ceramic capacitor to SGND.
VOUT (Pin 13): Converter Output Pin. This pin voltage is
compared with the voltage on VIN internally to control
operation in single or 2-switch mode. When the ratios of
the two voltages are such that a >75% duty cycle is required
for regulation, the low side switch is enabled. Drive bias for
the low side switch is also derived directly from this pin.
PWRGND (Pin 14): High Current Ground Reference. This
is the current return for the low side switch and corresponds
to the emitter of the low side switch transistor.
SW_L (Pin 15): Ground Referenced Switch Output. This pin
is the collector of the low side switch transistor. The low
side switch shorts the SW_L pin to PWRGND when enabled.
The series impedance of the ground-referenced switch is
0.6
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com