Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC221 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC221
Description  Micropower, Low Charge Injection, Quad CMOS Analog Switches with Data Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC221 Datasheet(HTML) 2 Page - Linear Technology

  LTC221 Datasheet HTML 1Page - Linear Technology LTC221 Datasheet HTML 2Page - Linear Technology LTC221 Datasheet HTML 3Page - Linear Technology LTC221 Datasheet HTML 4Page - Linear Technology LTC221 Datasheet HTML 5Page - Linear Technology LTC221 Datasheet HTML 6Page - Linear Technology LTC221 Datasheet HTML 7Page - Linear Technology LTC221 Datasheet HTML 8Page - Linear Technology LTC221 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC221/LTC222
2
2212fa
TOP VIEW
J PACKAGE
16-LEAD CERDIP
N PACKAGE
16-LEAD PDIP
JMAX = 110°C, θJA = 120°C/W
S PACKAGE
16-LEAD PLASTIC SO
JMAX = 110°C, θJA = 130°C/W
ORDER PART
NUMBER
LTC221CN
LTC221CS
LTC222CN
LTC222CS
LTC221MJ
LTC221CJ
LTC222MJ
LTC222CJ
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
D1
S1
V
GND
S4
D4
IN4
IN2
D2
S2
V+
WR
S3
D3
IN3
LTC221M/LTC222M
LTC221C/LTC222C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Analog Signal Range
±15
±15
V
RON
VS = ±10V
TMIN
90
90
ID = 1mA
25°C65
90
65
90
TMAX
135
135
Off Input Leakage IS (OFF)
VD = 14V, VS = ±14V
0.01
±1
0.01
±5nA
±100
±100
nA
Off Output Leakage ID (0FF)
VIN = 2.4V, LTC221
0.01
±1
0.01
±5nA
VIN = 0.8V, LTC222
±100
±100
nA
On Channel Leakage lD (ON)
VD = VS = ±14V, VIN = 2.4V, LTC222
0.02
±1
0.02
±5nA
VIN = 0.8V, LTC221
±200
±200
nA
Input High Voltage VINH, VWRH
2.4
2.4
V
Input Low Voltage VINL, VWRL
0.8
0.8
V
Input High or Low Current
VIN = 15V, 0V
±1
±1
µA
IINH, IINL, IWRH, IWRL
VWR = 15V, 0V
CS (OFF)
55
pF
CD (OFF)
12
12
pF
CD, CS (ON)
30
30
pF
I+
All Channels On or Off
16
40
16
40
µA
VIN = VWR = 0V or 4.0V
60
60
µA
Voltages Referenced to V
V+ ........................................................................................... 44V
GND ..................................................................... 25V
Digital Inputs, S, D (Note 2) .......... – 2V to (V+ 2V) or
Digital Inputs, S, D (N2020mA, Whichever Occurs First
Current
Any Input Except S or D ................................... 30mA
Continuous S or D ............................................ 20mA
Peak S or D
(Pulsed at 1 ms, 10% Duty Cycle Max) ......... 70mA
ESD Susceptibility (Note 3) ...................................... 4kV
Power Dissipation (Plastic) ............................... 500mW
Power Dissipation (Ceramic) ............................. 900mW
Operating Temperature Range
LTC221C/LTC222C .................................. 0°C to 70°C
LTC221M/LTC222M (OBSOLETE).......–55°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
INX
WR
LTC221
LTC222
00
On
Off
10
Off
On
X1
Maintain Previous State
Maintain Previous State
DIGITAL A D DC ELECTRICAL CHARACTERISTICS
LOGIC TABLE
The denotes the specifications which apply
over full operating temperature range, otherwise specifications are at TA = 25°C. V+ = ±15V, V= –15V, GND = 0V, unless noted.
OBSOLETE PACKAGE
Consider the N or S Package for Alternate Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com