Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6231 Datasheet(PDF) 24 Page - Linear Technology

Part # LT6231
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT6231 Datasheet HTML 16Page - Linear Technology LT6231 Datasheet HTML 17Page - Linear Technology LT6231 Datasheet HTML 18Page - Linear Technology LT6231 Datasheet HTML 19Page - Linear Technology LT6231 Datasheet HTML 20Page - Linear Technology LT6231 Datasheet HTML 21Page - Linear Technology LT6231 Datasheet HTML 22Page - Linear Technology LT6231 Datasheet HTML 23Page - Linear Technology LT6231 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT6230/LT6230-10/
LT6231/LT6232
24
sn623012 623012fas
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0304 1K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1028
Single, Ultra Low Noise 50MHz Op Amp
0.85nV/
√Hz
LT1677
Single, Low Noise Rail-to-Rail Amplifier
3V Operation, 2.5mA, 4.5nV/
√Hz, 60µV Max VOS
LT1806/LT1807
Single/Dual, Low Noise 325MHz Rail-to-Rail Amplifier
2.5V Operation, 550
µV Max VOS, 3.5nV/√Hz
LT6200/LT6201
Single/Dual, Low Noise 165MHz
0.95nV
√Hz, Rail-to-Rail Input and Output
LT6202/LT6203/LT6204
Single/Dual/Quad, Low Noise, Rail-to-Rail Amplifier
1.9nV/
√Hz, 3mA Max, 100MHz Gain Bandwidth
Photodiode Amplifier Time Domain Response
Low Power Avalanche Photodiode Transimpedance Amplifier
IS = 3.3mA
50ns/DIV
623012 TA02b
+
–
R1
1.5k
R2
1.5k
C2
0.1
µF
5V
–5V
ENABLE
LT6230
≈ 200V BIAS
ADVANCED PHOTONIX
012-70-62-541
WWW.ADVANCEDPHOTONIX.COM
623012 TA02a
C1
4.7pF
OUTPUT OFFSET = 500
µV TYPICAL
BANDWIDTH = 20MHz
OUTPUT NOISE = 1.1mVP–P (100MHz MEASUREMENT BW)
TYPICAL APPLICATIO S
The LT6230 is applied as a transimpedance amplifier with
an I-to-V conversion gain of 1.5k
Ω set by R1. The LT6230
is ideally suited to this application because of its low input
offset voltage and current, and its low noise. This is be-
cause the 1.5k resistor has an inherent thermal noise of
5nV/
√Hz or 3.4pA/√Hz at room temperature, while the
LT6230 contributes only 1.1nV and 2.4pA /
√Hz. So, with
respect to both voltage and current noises, the LT6230 is
actually quieter than the gain resistor.
The circuit uses an avalanche photodiode with the cathode
biased to approximately 200V. When light is incident on
the photodiode, it induces a current IPD which flows into
the amplifier circuit. The amplifier output falls negative to
maintain balance at its inputs. The transfer function is
therefore VOUT = –IPD • 1.5k. C1 ensures stability and good
settling characteristics. Output offset was measured
at 280
µV, so low in part because R2 serves to cancel the
DC effects of bias current. Output noise was measured at
1.1mVP–P on a 100MHz measurement bandwidth, with C2
shunting R2’s thermal noise. As shown in the scope
photo, the rise time is 17ns, indicating a signal bandwidth
of 20MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com