Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6232 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6232
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6232 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6232 Datasheet HTML 5Page - Linear Technology LT6232 Datasheet HTML 6Page - Linear Technology LT6232 Datasheet HTML 7Page - Linear Technology LT6232 Datasheet HTML 8Page - Linear Technology LT6232 Datasheet HTML 9Page - Linear Technology LT6232 Datasheet HTML 10Page - Linear Technology LT6232 Datasheet HTML 11Page - Linear Technology LT6232 Datasheet HTML 12Page - Linear Technology LT6232 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
sn623012 623012fas
LT6230/LT6230-10/
LT6231/LT6232
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6230, LT6230-10
q
700
µV
LT6231S8, LT6232GN
q
550
µV
LT6231DD
q
650
µV
Input Offset Voltage Match
q
1000
µV
(Channel-to-Channel) (Note 6)
VOS TC
Input Offset Voltage Drift (Note 10)
q
0.5
3
µV/°C
IB
Input Bias Current
q
12
µA
IB Match (Channel-to-Channel) (Note 6)
q
1.1
µA
IOS
Input Offset Current
q
0.8
µA
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 10k
q
93
V/mV
RL = 1k
q
25
V/mV
VO = ±1.5V, RL = 100Ω
q
4.8
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
q
–3
4
V
CMRR
Common Mode Rejection Ratio
VCM = –3V to 4V
q
95
dB
CMRR Match (Channel-to-Channel) (Note 6)
VCM = –3V to 4V
q
89
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
q
85
dB
PSRR Match (Channel-to-Channel) (Note 6)
VS = ±1.5V to ±5V
q
79
dB
VOL
Output Voltage Swing LOW (Note 8)
No Load
q
60
mV
ISINK = 5mA
q
210
mV
ISINK = 15mA
q
510
mV
VOH
Output Voltage Swing HIGH (Note 8)
No Load
q
70
mV
ISOURCE = 5mA
q
220
mV
ISOURCE = 20mA
q
675
mV
ISC
Short-Circuit Current
q
±15
mA
IS
Supply Current per Amplifier
q
4.85
mA
Disabled Supply Current per Amplifier
ENABLE = 4.8V
q
1
µA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
q
–110
µA
VL
ENABLE Pin Input Voltage LOW
q
0.3
V
VH
ENABLE Pin Input Voltage HIGH
q
4.8
V
Output Leakage Current
ENABLE = 4.8V, VO = ±1V
q
1
µA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k
q
300
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k
q
72
µs
SR
Slew Rate
AV = –1, RL = 1k, VO = –2V to 2V
q
37
V/
µs
LT6230-10, AV = –10, RL = 1k, VO = –2V to 2V
q
260
V/
µs
FPBW
Full Power Bandwidth (Note 9)
VOUT = 3VP-P
q
3.9
MHz
LT6230, LT6231, LT6232
The q denotes the specifications which apply over –40
°C < TA < 85°C
temperature range. VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com