Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1850 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1850
Description  8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1850 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1850 Datasheet HTML 15Page - Linear Technology LTC1850 Datasheet HTML 16Page - Linear Technology LTC1850 Datasheet HTML 17Page - Linear Technology LTC1850 Datasheet HTML 18Page - Linear Technology LTC1850 Datasheet HTML 19Page - Linear Technology LTC1850 Datasheet HTML 20Page - Linear Technology LTC1850 Datasheet HTML 21Page - Linear Technology LTC1850 Datasheet HTML 22Page - Linear Technology LTC1850 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC1850/LTC1851
18501f
SUPPLY BYPASSING
High quality, low series resistance ceramic 10
µF bypass
capacitors should be used. Surface mount ceramic ca-
pacitors provide excellent bypassing in a small board
space. Alternatively, 10
µF tantalum capacitors in parallel
with 0.1
µF ceramic capacitors can be used. Bypass ca-
pacitors must be located as close to the pins as possible.
The traces connecting the pins and the bypass capacitors
must be kept short and should be made as wide as
possible.
DIGITAL INTERFACE
Internal Clock
The A/D converter has an internal clock that eliminates the
need of synchronization between the external clock and
the CS and RD signals found in other ADCs. The internal
clock is factory trimmed to achieve a typical conversion
time of 550ns, and a maximum conversion time over the
full operating temperature range of 650ns. No external
adjustments are required. The guaranteed maximum ac-
quisition time is 150ns. In addition, a throughput time of
800ns and a minimum sampling rate of 1.25Msps is
guaranteed.
Power Shutdown
The LTC1850/LTC1851 provide two power shutdown
modes, Nap and Sleep, to save power during inactive
periods. The Nap mode reduces the power to 5mW and
leaves only the digital logic and reference powered up. The
wake-up time from Nap to active is 200ns. In Sleep mode,
all bias currents are shut down and only leakage current
remains—about 50
µA. Wake-up time from sleep mode is
much slower since the reference circuit must power-up
and settle to 0.005% for full 12-bit accuracy (0.02% for full
10-bit accuracy). Sleep mode wake-up time is dependent
on the value of the capacitor connected to the REFCOMP
(Pin 12). The wake-up time is 10ms with the recom-
mended 10
µF capacitor.
Shutdown is controlled by Pin 47 (SHDN); the ADC is in
shutdown when it is low. The shutdown mode is selected
with Pin 46 (CS); low selects Nap.
Timing and Control
Conversion start and data read operations are controlled
by three digital inputs: CONVST, CS and RD. A transition
from 1 to 0 applied to the CONVST pin will start a
conversion after the ADC has been selected (i.e., CS is
low). Once initiated, it cannot be restarted until the conver-
sion is complete. Converter status is indicated by the
BUSY output. BUSY is low during a conversion. If CONVST
returns high at a critical point during the conversion it can
create small errors. For the best results, ensure that
CONVST returns high either within 400ns after the start of
the conversion or after BUSY rises.
APPLICATIO S I FOR ATIO
CS
CONVST
t2
t1
1851 F04
RD
Figure 4. CS to CONVST Setup Timing
SHDN
CONVST
t4
1851 F03
Figure 3. SHDN to CONVST Wake-Up Timing
CS
SHDN
t3
1851 F02
Figure 2. CS to SHDN Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com