Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF356M Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF356M
Description  JFET Input Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF356M Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LF356M Datasheet HTML 10Page - National Semiconductor (TI) LF356M Datasheet HTML 11Page - National Semiconductor (TI) LF356M Datasheet HTML 12Page - National Semiconductor (TI) LF356M Datasheet HTML 13Page - National Semiconductor (TI) LF356M Datasheet HTML 14Page - National Semiconductor (TI) LF356M Datasheet HTML 15Page - National Semiconductor (TI) LF356M Datasheet HTML 16Page - National Semiconductor (TI) LF356M Datasheet HTML 17Page - National Semiconductor (TI) LF356M Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Typical Applications (Continued)
Precision Current Monitor
00564631
•
V
O = 5 R1/R2 (V/mA of IS)
•
R1, R2, R3: 0.1% resistors
•
Use LF155 for
j Common-mode range to supply range
j Low IB
j Low VOS
j Low Supply Current
8-Bit D/A Converter with Symmetrical Offset Binary Operation
00564632
•
R1, R2 should be matched within ±0.05%
•
Full-scale response time: 3µs
E
O
B1 B2 B3 B4 B5 B6 B7 B8
Comments
+9.920
11111111
Positive Full-Scale
+0.040
10000000
(+) Zero-Scale
−0.040
01111111
(−) Zero-Scale
−9.920
00000000
Negative Full-Scale
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com