Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3408 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3408
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3408 Datasheet(HTML) 5 Page - Linear Technology

  LTC3408 Datasheet HTML 1Page - Linear Technology LTC3408 Datasheet HTML 2Page - Linear Technology LTC3408 Datasheet HTML 3Page - Linear Technology LTC3408 Datasheet HTML 4Page - Linear Technology LTC3408 Datasheet HTML 5Page - Linear Technology LTC3408 Datasheet HTML 6Page - Linear Technology LTC3408 Datasheet HTML 7Page - Linear Technology LTC3408 Datasheet HTML 8Page - Linear Technology LTC3408 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC3408
3408f
Output Ripple Waveform
Load Step Response
REF Transient
VOUT vs VREF
TYPICAL PERFOR A CE CHARACTERISTICS (From Figure 1)
VOUT
10mV/DIV
IL
100mA/DIV
200ns/DIV
VIN = 3.6V
VREF = 0.6V
ILOAD = 0A
3408 G16
VOUT
100mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
VIN = 3.6V
VREF = 0.6V
ILOAD = 0mA TO 600mA
3408 G17
VREF (V)
0
1.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3408 G19
0.5
1.5
VIN = 4.2V
IL = 100mA
IL = 600mA
PI FU CTIO S
VOUT (Pins 1, 8): Output Voltage Feedback Pin. An internal
resistive divider divides the output voltage down by 3 for
comparison to the external reference voltage. The drain of
the P-channel bypass MOSFET is connected to this pin.
VIN (Pins 2, 7): Main Supply Pin. Must be closely de-
coupled to GND, Pin 3, with a 10
µF or greater ceramic
capacitor.
GND (Pin 3): Ground Pin.
SW (Pin 4): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
RUN (Pin 5): Run Control Input. Forcing this pin above
1.5V enables the part. Forcing this pin below 0.3V shuts
down the device. In shutdown, all functions are disabled
drawing <1
µA supply current. Do not leave RUN floating.
REF (Pin 6): External Reference Input. Controls the output
voltage to 3
× the applied voltage at REF. Also turns on the
bypass MOSFET when VREF > 1.2V.
Exposed Pad (Pin 9): Connect to GND, Pin 3.
VREF
0.5V/DIV
VOUT
1V/DIV
40
µs/DIV
VIN = 4.2V
VREF = 0V TO 1.4V
RLOAD = 5Ω
3408 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com