Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6231CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6231CS8
Description  215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6231CS8 Datasheet HTML 7Page - Linear Technology LT6231CS8 Datasheet HTML 8Page - Linear Technology LT6231CS8 Datasheet HTML 9Page - Linear Technology LT6231CS8 Datasheet HTML 10Page - Linear Technology LT6231CS8 Datasheet HTML 11Page - Linear Technology LT6231CS8 Datasheet HTML 12Page - Linear Technology LT6231CS8 Datasheet HTML 13Page - Linear Technology LT6231CS8 Datasheet HTML 14Page - Linear Technology LT6231CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
sn623012 623012fas
LT6230/LT6230-10/
LT6231/LT6232
TYPICAL PERFOR A CE CHARACTERISTICS
Output Saturation Voltage vs
Load Current (Output High)
Minimum Supply Voltage
Output Short Circuit Current vs
Power Supply Voltage
LOAD CURRENT (mA)
623012 G07
0.01
0.1
0.01
10
1
100
10
0.001
0.1
1
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
0
1.5
623012 G08
0.5
1
2
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
345
2.5
3.5
4.5
TA = –55°C
TA = 125°C
TA = 25°C
VCM = VS/2
POWER SUPPLY VOLTAGE (
±V)
1.5
3
623012 GO9
2
2.5
3.5
70
60
40
20
50
30
10
0
–20
–40
–70
–60
–10
–30
–50
4
4.5
5
TA = 125°C
TA = –55°C
TA = –55°C
TA = 25°C
SINKING
SOURCING
TA = 25°C
TA = 125°C
Open Loop Gain
Open Loop Gain
Open Loop Gain
Offset Voltage vs Output Current
Warm-Up Drift vs Time
Total Noise vs Total Source
Resistance
OUTPUT VOLTAGE (V)
0
1.5
623012 G10
0.5
1
2
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
3
2.5
RL = 100Ω
RL = 1k
VS = 3V, 0V
TA = 25°C
OUTPUT VOLTAGE (V)
0
1.5
623012 G11
0.5
1
2
0
345
2.5
3.5
4.5
RL = 100Ω
RL = 1k
VS = 5V, 0V
TA = 25°C
2.5
2.0
1.5
1.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
OUTPUT VOLTAGE (V)
–5
–2
623012 G12
–4 –3
–1
0
135
024
RL = 100Ω
RL = 1k
VS = ±5V
TA = 25°C
2.5
2.0
1.5
1.0
0.5
–0.5
–1.0
–1.5
–2.0
–2.5
OUTPUT CURRENT (mA)
–75
623012 G13
–45
–15
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
030
75
60
–60
–30
15
45
TA = –55°C
TA = 125°C
VS = ±5V
TA = 25°C
TIME AFTER POWER-UP (s)
0
60
623012 G14
20
100
30
28
24
20
16
26
22
18
14
12
10
140
40
80
120
160
TA = 25°C
VS = ±5V
VS = ±2.5V
VS = ±1.5V
SOURCE RESISTANCE (
Ω)
1
10
10
1k
10k
100k
623012 G15
0.1
100
100
VS = ±2.5V
VCM = 0V
f = 100kHz
UNBALANCED
SOURCE
RESISTORS
TOTAL NOISE
RESISTOR NOISE
AMPLIFIER NOISE VOLTAGE
(LT6230/LT6231/LT6232)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com