Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC736014 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC736014
Description  60V 60A N-Channel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC736014 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC736014 Datasheet HTML 1Page - E-CMOS Corporation EC736014 Datasheet HTML 2Page - E-CMOS Corporation EC736014 Datasheet HTML 3Page - E-CMOS Corporation EC736014 Datasheet HTML 4Page - E-CMOS Corporation EC736014 Datasheet HTML 5Page - E-CMOS Corporation EC736014 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC736014
60V 、
、
、
、60A N-Channel
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
6B18N-Rev.F001
Electrical Characteristics @TJ=25ْC (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Test Conditions
BVDSS
Drain-to-Source breakdown voltage
60
—
—
V
VGS=0V,ID=250µA
RDS(on)
Static Drain-to-Source on-resistance
—
12
14
m
VGS=10V,ID=30A
VGS(th)
Gate threshold voltage
2.0
4.0
V
VDS=VGS,ID=250µA
gfs
Forward transconductance
—
60
—
S
VDS=5V,ID=30A
—
—
2
µA
VDS=60V,VGS=0V
IDSS
Drain-to-Source leakage current
—
—
10
µA
VDS=60V,
VGS=0V,TJ=150ْC
Gate-to-Source forward leakage
—
—
100
nA
VGS=20V
IGSS
Gate-to-Source reverse leakage
—
—
-100
nA
VGS=-20V
Qg
Total gate charge
—
45
—
ID=30A
Qgs
Gate-to-Source charge
—
4
—
VDD=30V
Qgd
Gate-to-Drain("Miller") charge
—
15
—
nC
VGS=10V
td(on)
Turn-on delay time
—
14.6
—
VDD=30V
tr
Rise time
—
14.2
—
ID=2A ,RL=15
td(off)
Turn-Off delay time
—
40
—
RG=2.5
tf
Fall time
—
7.3
—
nS
VGS=10V
Ciss
Input capacitance
—
1480
—
VGS=0V
Coss
Output capacitance
—
190
—
VDS=25V
Crss
Reverse transfer capacitance
—
135
—
pF
f=1.0MHZ
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
(Body Diode)
—
—
60
ISM
Pulsed Source Current
(Body Diode)
①
—
—
240
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
—
—
1.3
V
TJ=25ْC,IS=40A,VGS=0V ③
trr
Reverse Recovery Time
—
33
—
nS
Qrr
Reverse Recovery Charge
—
61
—
nC
TJ=25ْC,IF=60A
di/dt=100A/µs
③
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes:
①
Repetitive rating; pulse width limited by max junction temperature.
②
Test condition: L =0.3mH, VDD = 30V,Id=37A
③
Pulse width≤300µS, duty cycle≤1.5% ; RG = 25  Starting TJ = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com