Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX202CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX202CD
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX202CD Datasheet(HTML) 1 Page - Texas Instruments

  MAX202CD Datasheet HTML 1Page - Texas Instruments MAX202CD Datasheet HTML 2Page - Texas Instruments MAX202CD Datasheet HTML 3Page - Texas Instruments MAX202CD Datasheet HTML 4Page - Texas Instruments MAX202CD Datasheet HTML 5Page - Texas Instruments MAX202CD Datasheet HTML 6Page - Texas Instruments MAX202CD Datasheet HTML 7Page - Texas Instruments MAX202CD Datasheet HTML 8Page - Texas Instruments MAX202CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MAX202
5V DUAL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS576D − JULY 2003 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D ESD Protection for RS-232 Bus Pins
−
±15-kV − Human-Body Model
D Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
D Operates at 5-V VCC Supply
D Operates Up To 120 kbit/s
D External Capacitors ...4 × 0.1 µF
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D Applications
− Battery-Powered Systems, PDAs,
Notebooks, Laptops, Palmtop PCs, and
Hand-Held Equipment
description/ordering information
The MAX202 device consists of two line drivers, two line receivers, and a dual charge-pump circuit with
±15-kV ESD protection pin to pin (serial-port connection pins, including GND). The device meets the
requirements of TIA/EIA-232-F and provides the electrical interface between an asynchronous communication
controller and the serial-port connector. The charge pump and four small external capacitors allow operation
from a single 5-V supply. The device operates at data signaling rates up to 120 kbit/s and a maximum of 30-V/
µs
driver output slew rate.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
MAX202CN
MAX202C
SOIC (D)
Tube of 40
MAX202CD
MAX202C
SOIC (D)
Reel of 2500
MAX202CDR
MAX202C
0
°C to 70°C
SOIC (DW)
Tube of 40
MAX202CDW
MAX202C
0 C to 70 C
SOIC (DW)
Reel of 2000
MAX202CDWR
MAX202C
TSSOP (PW)
Tube of 90
MAX202CPW
MAX202C
TSSOP (PW)
Reel of 2000
MAX202CPWR
MAX202C
PDIP (N)
Tube of 25
MAX202IN
MAX202I
SOIC (D)
Tube of 40
MAX202ID
MAX202I
SOIC (D)
Reel of 2500
MAX202IDR
MAX202I
−40
°C to 85°C
SOIC (DW)
Tube of 40
MAX202IDW
MAX202I
−40 C to 85 C
SOIC (DW)
Reel of 2000
MAX202IDWR
MAX202I
TSSOP (PW)
Tube of 90
MAX202IPW
MAX202I
TSSOP (PW)
Reel of 2000
MAX202IPWR
MAX202I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DW, N, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MAX202CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202CD TI-MAX202CD Datasheet
382Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202CD TI1-MAX202CD Datasheet
746Kb / 20P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202CDE4 TI-MAX202CDE4 Datasheet
382Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202CDG4 TI1-MAX202CDG4 Datasheet
746Kb / 20P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202CDR TI-MAX202CDR Datasheet
382Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX202CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com