Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7770ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7770ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7770ACPZ Datasheet HTML 9Page - Analog Devices AD7770ACPZ Datasheet HTML 10Page - Analog Devices AD7770ACPZ Datasheet HTML 11Page - Analog Devices AD7770ACPZ Datasheet HTML 12Page - Analog Devices AD7770ACPZ Datasheet HTML 13Page - Analog Devices AD7770ACPZ Datasheet HTML 14Page - Analog Devices AD7770ACPZ Datasheet HTML 15Page - Analog Devices AD7770ACPZ Datasheet HTML 16Page - Analog Devices AD7770ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
AD7770
Data Sheet
Rev. C | Page 12 of 97
SYNCHRONIZATION PINS AND RESET TIMING CHARACTERISTICS
AVDD1x = 1.65 V, AVSSx1 = −1.65 V (dual supply operation), AVDD1x = 3.3 V, AVSSx = AGND, AVDD2 − AVSSx = 2.2 V to 3.6 V;
IOVDD = 1.8 V to 3.6 V; DGND = 0 V, REFx+/REFx− = 2.5 V (internal/external), MCLK = 8192 kHz; all specifications at TMIN to TMAX,
unless otherwise noted.
Table 4.
Parameter
Description2
Test Conditions/Comments
Min
Typ
Max
Unit
t26
START setup time
10
ns
t27
START hold time
MCLK
ns
t28
MCLK falling edge to SYNC_OUT falling edge
MCLK
ns
t29
SYNC_IN setup time
10
ns
t30
SYNC_IN hold time
MCLK
ns
tINIT_SYNC_IN
SYNC_IN rising edge to first DRDY
16 kSPS, high resolution mode
145
µs
tINIT_RESET
RESET rising edge to first DRDY
16 kSPS, high resolution mode
225
µs
t31
RESET hold time
2 × MCLK
ns
tPOWER_UP
Start time
tPOWER_UP is not shown in Figure 4
2
ms
1
AVSSx refers to the following pins: AVSS1A, AVSS1B, AVSS2A, AVSS2B, AVSS3, and AVSS4. This term is used throughout the data sheet.
2
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed from a voltage level of (VIL + VIH)/2.
MCLK
START
SYNC_OUT
SYNC_IN
DRDY
RESET
t26
t27
t28
t29
tINIT_SYNC_IN
t31
tINIT_RESET
t30
Figure 4. Synchronization Pins and Reset Control Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com