Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL68C Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # PL68C
Description  ZENER DIODES
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

PL68C Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  PL68C Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd PL68C Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
4
Zener Diodes 1W
1N4728/SZ103D to 1N4764/SZ10E0, DO-41/SMA
Nominal Zener
Voltage
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Maximum DC
Zener Current
Type No.
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR @ VR
IZM
Axial Lead
SMD
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA)
(V)
(mA)
1N4728
SZ103D
3.3
76.0
10
400
1.0
100
1.0
276
1N4729
SZ103G
3.6
69.0
10
400
1.0
100
1.0
252
1N4730
SZ103J
3.9
64.0
9.0
400
1.0
50
1.0
234
1N4731
SZ104D
4.3
58.0
9.0
400
1.0
10
1.0
217
1N4732
SZ104H
4.7
53.0
8.0
500
1.0
10
1.0
193
1N4733
SZ105B
5.1
49.0
7.0
550
1.0
10
1.0
178
1N4734
SZ105G
5.6
45.0
5.0
600
1.0
10
2.0
162
1N4735
SZ106C
6.2
41.0
2.0
700
1.0
10
3.0
146
1N4736
SZ1061
6.8
37.0
3.5
700
1.0
10
4.0
133
1N4737
SZ107F
7.5
34.0
4.0
700
0.5
10
5.0
121
1N4738
SZ108C
8.2
31.0
4.5
700
0.5
10
6.0
110
1N4739
SZ109B
9.1
28.0
5.0
700
0.5
10
7.0
100
1N4740
SZ1010
10
25.0
7.0
700
0.25
10
7.6
91
1N4741
SZ1011
11
23.0
8.0
700
0.25
5.0
8.4
83
1N4742
SZ1012
12
21.0
9.0
700
0.25
5.0
9.1
76
1N4743
SZ1013
13
19.0
10
700
0.25
5.0
9.9
69
1N4744
SZ1015
15
17.0
14
700
0.25
5.0
11.4
61
1N4745
SZ1016
16
15.5
16
700
0.25
5.0
12.2
57
1N4746
SZ1018
18
14.0
20
750
0.25
5.0
13.7
50
1N4747
SZ1020
20
12.5
22
750
0.25
5.0
15.2
45
1N4748
SZ1022
22
11.5
23
750
0.25
5.0
16.7
41
1N4749
SZ1024
24
10.5
25
750
0.25
5.0
18.2
38
1N4750
SZ1027
27
9.5
35
750
0.25
5.0
20.6
34
1N4751
SZ1030
30
8.5
40
1000
0.25
5.0
22.8
30
1N4752
SZ1033
33
7.5
45
1000
0.25
5.0
25.1
27
1N4753
SZ1036
36
7.0
50
1000
0.25
5.0
27.4
25
1N4754
SZ1039
39
6.5
60
1000
0.25
5.0
29.7
23
1N4755
SZ1043
43
6.0
70
1500
0.25
5.0
32.7
22
1N4756
SZ1047
47
5.5
80
1500
0.25
5.0
35.8
19
1N4757
SZ1051
51
5.0
95
1500
0.25
5.0
38.8
18
1N4758
SZ1056
56
4.5
110
2000
0.25
5.0
42.6
16
1N4759
SZ1062
62
4.0
125
2000
0.25
5.0
47.1
14
1N4760
SZ1068
68
3.7
150
2000
0.25
5.0
51.7
13
1N4761
SZ1075
75
3.3
175
2000
0.25
5.0
56.0
12
1N4762
SZ1082
82
3.0
200
3000
0.25
5.0
62.2
11
1N4763
SZ1091
91
2.8
250
3000
0.25
5.0
69.2
10
1N4764
SZ10B0
100
2.5
350
3000
0.25
5.0
76.0
9.0
Z1110
SZ10B1
110
2.3
450
4000
0.25
5.0
83.6
8.6
Z1120
SZ10B2
120
2.0
550
4500
0.25
5.0
91.2
7.8
Z1130
SZ10B3
130
1.9
700
5000
0.25
5.0
98.8
7.0
Z1150
SZ10B5
150
1.7
1000
6000
0.25
5.0
114.0
6.4
Z1160
SZ10B6
160
1.6
1100
6500
0.25
5.0
121.6
5.8
Z1180
SZ10B8
180
1.4
1200
7000
0.25
5.0
136.8
5.2
Z1200
SZ10D0
200
1.2
1900
9990
0.25
5.0
152.0
4.7
Z1220
SZ10D2
220
1.0
1600
8000
0.25
5.0
167.2
4.0
Z1240
SZ10D4
240
0.93
1800
8500
0.25
5.0
182.4
3.8
Z1250
SZ10D5
250
0.9
2000
9000
0.25
5.0
190
3.6
Z1270
SZ10D7
270
0.82
2100
9000
0.25
5.0
205
3.3
Z1300
SZ10E0
300
0.75
2300
9500
0.25
5.0
228
3.0
WWW.SENOCN.COM
Alldatasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com