Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-TI1OP-518-C1-R1 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-TI1OP-518-C1-R1
Description  Black anodized for maximum heat dissipation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.

ATS-TI1OP-518-C1-R1 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-TI1OP-518-C1-R1 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Details
NOTES:
1)
Dimension C = heat sink height from bottom of the base to the top of the fin field.
2)
Delivery 4-8 weeks
3)
Material AL-6063
Thermal Performance
ATS PART # ATS-TI10P-518-C1-R1
Features & Benefits
» Optimized for natural convection air cooling
» Black anodized for maximum heat dissipation
» Designed specifically for TI’s Audio Evaluation
Module #TAS5613PHD2EVM
Texas Instruments Heat Sink
REV1_1113
AIR VELOCITY
THERMAL RESISTANCE
FT/MIN
M/S
°C/W (UNDUCTED FLOW)
°C/W (DUCTED FLOW)
200
1.0
300
1.5
n/a
400
2.0
n/a
500
2.5
n/a
600
3.0
n/a
700
3.5
n/a
800
4.0
n/a
3.0
2.5
2.2
2.0
1.8
1.7
1.6
2.0
*Image above is for illustration purposes only.
DIMENSION A
DIMENSION B
DIMENSION C
INTERFACE MATERIAL
FINISH
78 mm
36 mm
28.1 mm
N/A
BLACK ANODIZED
A
B
C
78mm (Sink Length)
1.60mm
1.00mm
For more information, to find a distributor or to place an order, visit www.qats.com or call: 781.769.2800.


Similar Part No. - ATS-TI1OP-518-C1-R1

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-TI1OP-518-C1-R0 ATS-ATS-TI1OP-518-C1-R0 Datasheet
360Kb / 1P
Optimized for natural convection air cooling
REV1_1113
More results

Similar Description - ATS-TI1OP-518-C1-R1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBPC50005W LUGUANG-KBPC50005W Datasheet
412Kb / 2P
Metal case for maximum heat dissipation
logo
Kersemi Electronic Co.,...
KSMB840 KERSEMI-KSMB840 Datasheet
820Kb / 4P
Excellent package for good heat dissipation.
KSMBZ44N KERSEMI-KSMBZ44N Datasheet
653Kb / 4P
Excellent package for good heat dissipation.
KSMBZ46N KERSEMI-KSMBZ46N Datasheet
654Kb / 4P
Excellent package for good heat dissipation.
KSMD4N60 KERSEMI-KSMD4N60 Datasheet
689Kb / 4P
Excellent package for good heat dissipation.
KSMT457N KERSEMI-KSMT457N Datasheet
643Kb / 4P
Excellent package for good heat dissipation.
KSMT613P KERSEMI-KSMT613P Datasheet
667Kb / 4P
Excellent package for good heat dissipation.
KSMT3055N KERSEMI-KSMT3055N Datasheet
662Kb / 4P
Excellent package for good heat dissipation.
KSMT3612N KERSEMI-KSMT3612N Datasheet
640Kb / 4P
Excellent package for good heat dissipation.
logo
Shenzhen Huazhimei Semi...
HM45N02Q HMSEMI-HM45N02Q Datasheet
978Kb / 6P
Excellent package for good heat dissipation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com