Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSL22 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DSL22
Description  20 to 100 Volt s Forward Current - 2.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DSL22 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DSL22 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DSL22 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D29
D27
D25
DSL26
DSL22 THRU DSL210
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 2.0 Ampere
Case:SOD-123FL molded plastic body
Terminals: Solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.0007 ounce, 0.02 grams
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
DSL22
D22
SYMBOLS
UNITS
DSL210
D210
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
20
14
20
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
40.0
0.5
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
CJ
TJ
TSTG
80
Storage temperature range
DSL23
D23
DSL25
DSL24
D24
D26
DSL28
D28
DSL27
DSL29
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
70
49
70
90
63
90
pF
C
mA
C
-55 to +150
-55 to +150
10.0
5.0
0.45
0.7
110
-55 to +125
R
θJA
95
Typical thermal resistance (NOTE 2)
2.PCB mounted on 0.2*0.2" (5.0*5.0mm) coppeer pad area.
C/W
V
V
V
A
A
V
0.2
Dimensions in inches and (millimeters)
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
MDD Catalog Number


Similar Part No. - DSL22

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
Ultra Slim Design
DSL240PS12-I XPPOWER-DSL240PS12-I Datasheet
193Kb / 2P
Ultra Slim Design
DSL240PS24-I XPPOWER-DSL240PS24-I Datasheet
193Kb / 2P
Ultra Slim Design
logo
DONGGUAN YOU FENG WEI E...
DSL24W YFWDIODE-DSL24W Datasheet
461Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Rectron Semiconductor
DSL260W RECTRON-DSL260W Datasheet
205Kb / 5P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - DSL22

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB220 PANJIT-SB220 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
GOOD-ARK Electronics
MB22S GOOD-ARK-MB22S Datasheet
105Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
logo
Microdiode Semiconducto...
MBR2020CT CHENDA-MBR2020CT Datasheet
621Kb / 2P
20 to 100 Volts Forward Current -
SF2010CT CHENDA-SF2010CT Datasheet
1Mb / 2P
100 to 600 Volts Forward Current - 20 Amperes
SL310BF CHENDA-SL310BF Datasheet
869Kb / 2P
100 Volts Forward Current -3.0 Ampere
DSL12 CHENDA-DSL12 Datasheet
249Kb / 2P
20 to 100 Volt s Forward Current - 1.0 Ampere
MBRF820 CHENDA-MBRF820 Datasheet
622Kb / 2P
20 to 100 Volts Forward Current -
MBRF1020 CHENDA-MBRF1020 Datasheet
622Kb / 2P
20 to 100 Volts Forward Current -10.0 Amperes
logo
First Silicon Co., Ltd
SB520 FS-SB520 Datasheet
321Kb / 2P
Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
MB22S FS-MB22S Datasheet
142Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com