Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-6868 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-6868
Description  Intel Pentium and Celeron N3000 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6868 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-6868 Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6868 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-6868
Ordering Information
Part No.
CPU
Frequency
Base/Burst
CPU
TDP Core DDR3L Memory LVDS
VGA DDI Giga
Lan
HD
Audio
PCIe
x1
USB
2.0
USB
3.0
SATA III
LPC Power Thermal
Solution
Operating
Temperature
SOM-6868PC-S6A1E
Pentium® N3710
1.6/2.56 GHz
6 W
4
DDR3-L 1600 MHz 18/24-bit 1
2
1
Yes
5
8
4
2
Yes
AT/ATX Passive
0 ~ 60° C
SOM-6868RC-S6A1E
Celeron® N3160
1.6/2.24 GHz
6 W
4
DDR3-L 1600 MHz 18/24-bit 1
2
1
Yes
5
8
4
2
Yes
AT/ATX Passive
0 ~ 60° C
SOM-6868RC-S5A1E
Celeron® N3060
1.6/2.48 GHz
6 W
2
DDR3-L 1600 MHz 18/24-bit 1
2
1
Yes
5
8
4
2
Yes
AT/ATX Passive
0 ~ 60° C
SOM-6868RC-S0A1E
Celeron® N3010
1.04/2.24 GHz 4 W
2
DDR3-L 1600 MHz 18/24-bit 1
2
1
Yes
5
8
4
2
Yes
AT/ATX Passive
0 ~ 60° C
SOM-6868AC-S0A1E
Atom™ X5-E8000 1.04/2 GHz
5W
4
DDR3-L 1600 MHz 18/24-bit 1
2
1
Yes
5
8
4
2
Yes
AT/ATX Passive
0 ~ 60° C
Development Board
Part No.
Description
SOM-DB5800-00A2E
COM Express Development Board A2 Type 6 Pin-out
Packing List
Part No.
Description
Quantity
-
SOM-6868 CPU Module
1
1960075199N001
HeatSpreader
1
Optional Accessories
Part No.
Description
1960048815N001
Semi-Heatsink 95 x 95 x 16.25 mm
1960048819N001
Semi-Cooler 95 x 95 x 33 mm
Embedded OS
OS
Part No.
Description
WES8.1
TBD
TBD
WES10
TBD
TBD
Dual Channel DDR3L
BOM Option
USB2514B
BOM Option
Pericom
PI7C9X2G404EL
eDP
NXP PTN3460
LVDS
#1
#0,1
#0,1,2,3
USB 2.0 port 4 ~ 7
#4
PCIe port 2
#2
PCIe port 2
PCIe port 3
Giga LAN
#0,1
#0,1,2,3
#4,5,6,7
#2
#3
PCIe port 2,3,4
BOM Option
Intel I211-AT
TPM
WDT / GPIO / I2C
RS1 / RS2 / FAN
LPC BUS
(optional)
#0,1,2,3
#0,1,2,3
DDI port 1 HDMI / DisplayPort / DVI
#0
#1
#2
#2
DDI port 2 HDMI
HD audio
SATA port 0 ~1 (GEN3)
#0,1
#0,1
PCIe port 0~1
USB 2.0 port 0~3
JTAG/OBS/HOOK
XDP
(Option)
Unbuered
204 Pin SO-DIMM x 2
1600MHz 8GB
w/o ECC
USB 3.0 port 0~3
Intel Braswell
N3710/N3160
N3060/N3010
X5-E8000
SMBus
SPI Bus
SPI BIOS
iMangager



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com