Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5534D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # NE5534D
Description  LOW-NOISE OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NE5534D Datasheet(HTML) 1 Page - Texas Instruments

  NE5534D Datasheet HTML 1Page - Texas Instruments NE5534D Datasheet HTML 2Page - Texas Instruments NE5534D Datasheet HTML 3Page - Texas Instruments NE5534D Datasheet HTML 4Page - Texas Instruments NE5534D Datasheet HTML 5Page - Texas Instruments NE5534D Datasheet HTML 6Page - Texas Instruments NE5534D Datasheet HTML 7Page - Texas Instruments NE5534D Datasheet HTML 8Page - Texas Instruments NE5534D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
NE5534, NE5534A, SA5534. SA5534A
LOW NOISE OPERATIONAL AMPLIFIERS
SLOS070C − JULY 1979 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Equivalent Input Noise Voltage . . .
3.5 nV/
/Hz Typ
D Unity-Gain Bandwidth . . . 10 MHz Typ
D Common-Mode Rejection Ratio . . .
100 dB Typ
D High DC Voltage Gain . . . 100 V/mV Typ
D Peak-to-Peak Output Voltage Swing
32 V Typ With VCC
+ = +18 V and RL = 600 W
D High Slew Rate . . . 13 V/ms Typ
D Wide Supply-Voltage Range +3 V to +20 V
D Low Harmonic Distortion
D Offset Nulling Capability
D External Compensation Capability
description/ordering information
The NE5534, NE5534A, SA5534, and SA5534A are high-performance operational amplifiers combining
excellent dc and ac characteristics. Some of the features include very low noise, high output-drive capability,
high unity-gain and maximum-output-swing bandwidths, low distortion, and high slew rate.
These operational amplifiers are compensated internally for a gain equal to or greater than three. Optimization
of the frequency response for various applications can be obtained by use of an external compensation
capacitor between COMP and COMP/BAL. The devices feature input-protection diodes, output short-circuit
protection, and offset-voltage nulling capability with use of the BALANCE and COMP/BAL pins (see the
application circuit diagram).
For the NE5534A and SA5534A, a maximum limit is specified for the equivalent input noise voltage.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
BALANCE
IN−
IN+
VCC−
COMP/BAL
VCC+
OUT
COMP
NE5534, SA5534 ...D (SOIC), P (PDIP),
OR PS (SOP) PACKAGE
NE5534A, SA5534A ...D (SOIC) OR P (PDIP) PACKAGE
(TOP VIEW)


Similar Part No. - NE5534D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5534D PHILIPS-NE5534D Datasheet
109Kb / 8P
Dual and single low noise op amp
August 31, 1994
logo
Texas Instruments
NE5534D TI-NE5534D Datasheet
119Kb / 7P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534D TI-NE5534D Datasheet
289Kb / 12P
LOW OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NE5534D ONSEMI-NE5534D Datasheet
165Kb / 10P
Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
Texas Instruments
NE5534D TI-NE5534D Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - NE5534D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
Low Noise Operational Amplifiers
BA4558XXX ROHM-BA4558XXX Datasheet
561Kb / 29P
Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com