Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5182 Datasheet(PDF) 13 Page - NEC

Part # 2SC5182
Description  SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5182 Datasheet(HTML) 13 Page - NEC

Back Button 2SC5182 Datasheet HTML 9Page - NEC 2SC5182 Datasheet HTML 10Page - NEC 2SC5182 Datasheet HTML 11Page - NEC 2SC5182 Datasheet HTML 12Page - NEC 2SC5182 Datasheet HTML 13Page - NEC 2SC5182 Datasheet HTML 14Page - NEC 2SC5182 Datasheet HTML 15Page - NEC 2SC5182 Datasheet HTML 16Page - NEC 2SC5182 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
0.1
0.869
-14.000
9.245
166.800
0.023
81.300
0.971
-9.100
0.122
26.042
0.4
0.690
-53.600
7.614
134.500
0.078
62.400
0.800
-31.100
0.345
19.895
0.8
0.453
-94.600
5.373
106.500
0.116
50.400
0.572
-46.200
0.620
16.658
1.0
0.376
-113.100
4.571
96.900
0.129
47.900
0.493
-50.700
0.730
15.494
1.5
0.295
-157.100
3.303
78.500
0.158
45.000
0.359
-59.700
0.923
13.203
2.0
0.312
168.300
2.556
64.100
0.185
43.300
0.277
-70.300
1.032
10.301
2.5
0.359
145.700
2.105
52.000
0.213
41.400
0.223
-85.000
1.080
8.224
3.0
0.409
130.200
1.785
41.700
0.240
39.200
0.193
-104.300
1.105
6.745
4.0
0.510
109.500
1.385
24.100
0.294
33.400
0.202
-147.000
1.084
4.963
5.0
0.599
94.300
1.134
8.900
0.341
26.000
0.276
-178.000
1.038
4.019
VCE = 1.0 V, IC = 10.0 mA
0.1
0.629
-29.300
21.353
155.300
0.021
76.600
0.887
-19.700
0.262
30.072
0.4
0.370
-90.900
12.179
114.000
0.058
61.700
0.521
-50.300
0.658
23.222
0.8
0.247
-141.800
6.904
92.100
0.092
60.500
0.313
-61.900
0.907
18.753
1.0
0.237
-162.500
5.624
85.300
0.109
60.200
0.261
-66.100
0.964
17.126
1.5
0.268
163.600
3.862
71.900
0.151
57.800
0.182
-80.300
1.027
13.064
2.0
0.323
143.700
2.930
60.700
0.191
54.000
0.143
-103.800
1.052
10.469
2.5
0.380
130.100
2.384
50.800
0.229
49.500
0.137
-132.500
1.053
8.763
3.0
0.428
120.400
2.000
42.200
0.262
45.000
0.158
-157.100
1.060
7.334
4.0
0.526
105.100
1.537
27.100
0.320
35.700
0.231
173.700
1.040
5.586
5.0
0.609
92.600
1.256
13.600
0.362
26.600
0.314
157.000
1.018
4.590
NE687 SERIES
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
(VCE = 1 V, IC = 1 mA)
NE68739
VCE = 1.0 V, IC = 1.0 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
0.1
0.960
-7.500
3.509
172.000
0.024
85.500
0.993
-4.600
0.055
21.650
0.4
0.888
-34.300
3.358
149.700
0.091
68.900
0.941
-17.900
0.181
15.670
0.8
0.734
-67.000
2.974
123.500
0.157
51.100
0.815
-32.000
0.362
12.774
1.0
0.651
-82.900
2.738
112.400
0.178
44.300
0.751
-37.600
0.440
11.870
1.5
0.496
-122.300
2.250
88.500
0.205
31.600
0.602
-49.100
0.642
10.404
2.0
0.436
-159.300
1.842
69.200
0.210
24.400
0.500
-58.700
0.834
9.431
2.5
0.441
169.800
1.566
53.700
0.207
22.000
0.428
-69.200
1.006
8.323
3.0
0.473
147.900
1.339
40.900
0.208
23.300
0.384
-81.700
1.146
5.769
4.0
0.565
119.100
1.047
20.800
0.233
28.500
0.358
-113.400
1.192
3.876
5.0
0.651
99.800
0.852
5.200
0.287
28.500
0.399
-147.500
1.074
3.064
20
10
5
4
3
2
1.5
1
.8
.6
.4
.2
-.2
-.4
-.6
-.8
-1
-1.5
-2
-3
-4
-5
-10
-20
0
20
10
1.5
.8
.6
.4
.2
5
4
3
2
1
S22
0.1 GHz
S11
0.1 GHz
S22
5 GHz
S11
5 GHz
90˚
270˚
180˚
225˚
315˚
135˚
45˚
2.5
S12
0.1 GHz
S21
5 GHz
S12
5 GHz
S21
0.1 GHz
0.25
VCE = 1.0 V, IC = 3.0 mA
Note:
1.Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com