Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7656ABSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7656ABSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656ABSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7656ABSTZ Datasheet HTML 15Page - Analog Devices AD7656ABSTZ Datasheet HTML 16Page - Analog Devices AD7656ABSTZ Datasheet HTML 17Page - Analog Devices AD7656ABSTZ Datasheet HTML 18Page - Analog Devices AD7656ABSTZ Datasheet HTML 19Page - Analog Devices AD7656ABSTZ Datasheet HTML 20Page - Analog Devices AD7656ABSTZ Datasheet HTML 21Page - Analog Devices AD7656ABSTZ Datasheet HTML 22Page - Analog Devices AD7656ABSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7656A
Data Sheet
V1
V2
V3
V4
V5
V6
CONVST A,
CONVST B,
CONVST C
BUSY
CS
RD
DATA
tQUIET
t7
t8
t9
t4
t2
t3
t5
t6
tACQ
tCONVERT
t10
Figure 23. Parallel Interface Timing Diagram (W/B = 0)
LOW BYTE
HIGH BYTE
DB15 TO DB8
CS
RD
t3
t6
t7
t8
t4
t5
t9
Figure 24. Parallel Interface—Read Cycle for Byte Mode of Operation (W/B = 1, HBEN = 0)
The CS signal can be permanently tied low, and the RD signal can
be used to access the conversion results. A read operation can take
place after the BUSY signal goes low. The number of required
read operations depends on the number of ADCs that are
simultaneously sampled (see Figure 23). If CONVST A and
CONVST B are simultaneously brought low, four read operations
are required to obtain the conversion results from V1, V2, V3, and
V4. If CONVST A and CONVST C are simultaneously brought
low, four read operations are required to obtain the conversion
results from V1, V2, V5, and V6. The conversion results are
output in ascending order.
When using the three CONVST x signals to independently initiate
conversions on the three ADC pairs, ensure that a conversion is
not initiated on a channel pair when the BUSY signal is high. It is
also recommended not to initiate a conversion during a read
sequence because doing so can affect the performance of the
conversion. For the specified performance, it is recommended to
perform the read after the conversion. For unused input
channel pairs, tie the associated CONVST x pin to VDRIVE.
If there is only an 8-bit bus available, the AD7656A interface can
be configured to operate in byte mode (W/B = 1). In this
configuration, the DB7/HBEN/DCEN pin takes on its HBEN
function. Each channel conversion result from the AD7656A
can be accessed in two read operations, with eight bits of data
provided on DB15 to DB8 for each of the read operations (see
Figure 24). The HBEN pin determines whether the read
operation first accesses the high byte or the low byte of the
16-bit conversion result. To always access the low byte first on
DB15 to DB8, tie the HBEN pin low. To always access the high
byte first on DB15 to DB8, tie the HBEN pin high. In byte mode
when all three CONVST x pins are pulsed together to initiate
simultaneous conversions on all six ADCs, 12 read operations
are necessary to read back the six 16-bit conversion results.
Leave DB6 to DB0 unconnected in byte mode.
Rev. 0 | Page 18 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com