Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7989-1 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7989-1
Description  PulSAR ADCs in MSOP/LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7989-1 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7989-1 Datasheet HTML 13Page - Analog Devices AD7989-1 Datasheet HTML 14Page - Analog Devices AD7989-1 Datasheet HTML 15Page - Analog Devices AD7989-1 Datasheet HTML 16Page - Analog Devices AD7989-1 Datasheet HTML 17Page - Analog Devices AD7989-1 Datasheet HTML 18Page - Analog Devices AD7989-1 Datasheet HTML 19Page - Analog Devices AD7989-1 Datasheet HTML 20Page - Analog Devices AD7989-1 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD7989-1/AD7989-5
Rev. B | Page 17 of 24
CS MODE, 3-WIRE
This mode is usually used when a single AD7989-1/AD7989-5
is connected to an SPI-compatible digital host. The connection
diagram is shown in Figure 31, and the corresponding timing is
given in Figure 32.
With SDI/CS tied to VIO, a rising edge on CNV initiates a
conversion, selects the CS mode, and forces SDO to high
impedance.
When the conversion is complete, the AD7989-1/AD7989-5 enter
the acquisition phase and power down. When CNV goes low, the
MSB is output onto SDO. The remaining data bits are clocked by
subsequent SCK falling edges. The data is valid on both SCK edges.
Although the rising edge can capture the data, a digital host using
the SCK falling edge allows a faster reading rate, provided that it
has an acceptable hold time. After the 18th SCK falling edge or
when CNV goes high (whichever occurs first), SDO returns to
high impedance.
Figure 31. CS Mode, 3-Wire Connection Diagram (SDI High)
Figure 32. CS Mode, 3-Wire Serial Interface Timing (SDI High)
AD7989-1/
AD7989-5
SDO
CNV
SCK
CONVERT
DATA IN
CLK
DIGITAL HOST
VIO
SDI/CS
SDO
D17
D16
D15
D1
D0
tDIS
SCK
1
2
3
16
17
18
tSCK
tSCKL
tSCKH
tHSDO
tDSDO
CNV
CONVERSION
ACQUISITION
tCONV
tCYC
ACQUISITION
tACQ
tEN
SDI/CS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com