Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9652BBCZRL7-310 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9652BBCZRL7-310
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652BBCZRL7-310 Datasheet(HTML) 5 Page - Analog Devices

  AD9652BBCZRL7-310 Datasheet HTML 1Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 2Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 3Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 4Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 5Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 6Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 7Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 8Page - Analog Devices AD9652BBCZRL7-310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AD9652
Data Sheet
Rev. B | Page 4 of 36
ADC AC SPECIFICATIONS
AVDD3 = 3.3 V, AVDD = AVDD_CLK = 1.8 V, SPIVDD = DRVDD = 1.8 V, sample rate = 310 MSPS (clock input = 1240 MHz, AD9652
divided by 4), VIN = −1.0 dBFS differential input, 2.5 V p-p full-scale input range, DCS enabled, dither disabled, unless otherwise noted.
Table 2.
VREF = 1 V
VREF = 1.25 V, Default
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
DIFFERENTIAL INPUT VOLTAGE
25°C
2.0
2.5
V p-p
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 30 MHz (Use Nyquist 1 Settings)
25°C
74.0
75.4
dBFS
fIN = 70 MHz (Use Nyquist 1 Settings)
25°C
73.6
74.0
75.0
dBFS
Full
73.3
dBFS
fIN = 70 MHz (Use Nyquist 1 Settings, with Dither Enabled)
25°C
73.1
74.3
dBFS
fIN = 170 MHz (Use Nyquist 2 Settings)
25°C
72.1
73.7
dBFS
fIN = 170 MHz (Use Nyquist 2 Settings, with Dither Enabled)
25°C
71.2
72.0
dBFS
fIN = 305 MHz (Use Nyquist 2 Settings)
25°C
70.1
70.7
dBFS
fIN = 400 MHz (Use Nyquist 3 Settings)
25°C
67.9
68.0
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 30 MHz (Use Nyquist 1 Settings)
25°C
72.8
74.2
dBFS
fIN = 70 MHz (Use Nyquist 1 Settings)
25°C
73.5
73.8
74.6
dBFS
Full
73.2
dBFS
fIN = 70 MHz (Use Nyquist 1 Settings, with Dither Enabled)
25°C
73.0
74.0
dBFS
fIN = 170 MHz (Use Nyquist 2 Settings)
25°C
72.0
72.6
dBFS
fIN = 170 MHz (Use Nyquist 2 Settings, with Dither Enabled)
25°C
71.1
71.7
dBFS
fIN = 305 MHz (Use Nyquist 2 Settings)
25°C
68.5
dBFS
fIN = 400 MHz (Use Nyquist 3 Settings)
25°C
65.8
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 30 MHz (Use Nyquist 1 Settings)
25°C
11.8
12.0
Bits
fIN = 70 MHz (Use Nyquist 1 Settings)
25°C
12
12.0
12.1
Bits
Full
11.9
Bits
fIN = 70 MHz (Use Nyquist 1 Settings, with Dither Enabled)
25°C
11.8
12.0
Bits
fIN = 170 MHz (Use Nyquist 2 Settings)
25°C
11.7
11.8
Bits
fIN = 170 MHz (Use Nyquist 2 Settings, with Dither Enabled)
25°C
11.5
11.6
Bits
fIN = 305 MHz (Use Nyquist 2 Settings)
25°C
11.1
Bits
fIN = 400 MHz (Use Nyquist 3 Settings)
25°C
10.6
Bits
WORST SECOND OR THIRD HARMONIC
fIN = 30 MHz (Use Nyquist 1 Settings)
25°C
−96
−94
dBc
fIN = 70 MHz (Use Nyquist 1 Settings)
25°C
−90
−87
−83
dBc
Full
−83
dBc
fIN = 70 MHz (Use Nyquist 1 Settings, with Dither Enabled)
25°C
−92
−89
dBc
fIN = 170 MHz (Use Nyquist 2 Settings)
25°C
−87
−85
dBc
fIN = 170 MHz (Use Nyquist 2 Settings, with Dither Enabled)
25°C
−87
−85
dBc
fIN = 305 MHz (Use Nyquist 2 Settings)
25°C
−89
−86
dBc
fIN = 400 MHz (Use Nyquist 3 Settings)
25°C
−80
−77
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
fIN = 30 MHz (Use Nyquist 1 Settings)
25°C
96
94
dBc
fIN = 70 MHz (Use Nyquist 1 Settings)
25°C
90
83
87
dBc
Full
83
dBc
fIN = 70 MHz (Use Nyquist 1 Settings. with Dither Enabled)
25°C
92
89
dBc
fIN = 170 MHz (Use Nyquist 2 Settings)
25°C
84
85
dBc
fIN = 170 MHz (Use Nyquist 2 Settings, with Dither Enabled)
25°C
87
85
dBc
fIN = 305 MHz (Use Nyquist 2 Settings)
25°C
89
86
dBc
fIN = 400 MHz (Use Nyquist 3 Settings)
25°C
80
77
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com