Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC2622 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC2622
Description  Micropower CMOS Output Hall Effect Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC2622 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC2622 Datasheet HTML 1Page - E-CMOS Corporation EC2622 Datasheet HTML 2Page - E-CMOS Corporation EC2622 Datasheet HTML 3Page - E-CMOS Corporation EC2622 Datasheet HTML 4Page - E-CMOS Corporation EC2622 Datasheet HTML 5Page - E-CMOS Corporation EC2622 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC2622
Micropower CMOS Output Hall Effect Switch
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
4H18N-Rev. F001
Characteristics
Values
Unit
Supply voltage,(VDD)
4.5
V
Output Voltage,(Vout)
4.5
V
Reverse Voltage , (VDD) (VOUT)
-0.3
V
Magnetic flux density
Unlimited
Gauss
Output current,(IOUT)
1
mA
Operating temperature range, (Ta)
-40 to +85
℃
Storage temperature range, (Ts)
-65 to +150
℃
Maximum Junction Temp,(Tj)
150
℃
Thermal Resistance
(
θ
JA
) EC2622EA7GR
227
℃/W
(
θ
JA
) EC2622EBCGR
540
℃/W
(
θ
JC
) EC2622EA7GR
49
℃/W
(
θ
JC
) EC2622EBCGR
390
℃/W
Package Power Dissipation, (PD)
EC2622EA7GR
550
mW
EC2622EBCGR
230
mW
Absolute Maximum Ratings At(Ta=25℃)
Note: Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute
maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com