Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB4350 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PB4350
Description  50 V low VCEsat NPN transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PB4350 Datasheet(HTML) 1 Page - NXP Semiconductors

  PB4350 Datasheet HTML 1Page - NXP Semiconductors PB4350 Datasheet HTML 2Page - NXP Semiconductors PB4350 Datasheet HTML 3Page - NXP Semiconductors PB4350 Datasheet HTML 4Page - NXP Semiconductors PB4350 Datasheet HTML 5Page - NXP Semiconductors PB4350 Datasheet HTML 6Page - NXP Semiconductors PB4350 Datasheet HTML 7Page - NXP Semiconductors PB4350 Datasheet HTML 8Page - NXP Semiconductors PB4350 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of 2003 Jan 20
2003 May 13
DISCRETE SEMICONDUCTORS
PBSS4350Z
50 V low VCEsat NPN transistor
dbook, halfpage
M3D087


Similar Part No. - PB4350

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PB4350 PHILIPS-PB4350 Datasheet
162Kb / 9P
50 V low VCEsat NPN transistor
2003 May 13
PB4350 NXP-PB4350 Datasheet
162Kb / 9P
50 V low VCEsat NPN transistor
2003 May 13
More results

Similar Description - PB4350

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4350S PHILIPS-PBSS4350S Datasheet
79Kb / 8P
50 V low VCEsat NPN transistor
2001 Nov 19
PBSS4350D NXP-PBSS4350D Datasheet
316Kb / 9P
50 V low VCEsat NPN transistor
2001 Jul 13
PBSS4350Z NXP-PBSS4350Z Datasheet
162Kb / 9P
50 V low VCEsat NPN transistor
2003 May 13
PBSS4350D PHILIPS-PBSS4350D_15 Datasheet
316Kb / 9P
50 V low VCEsat NPN transistor
2001 Jul 13
PBSS4350Z PHILIPS-PBSS4350Z_15 Datasheet
162Kb / 9P
50 V low VCEsat NPN transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS4350T-Q NEXPERIA-PBSS4350T-Q Datasheet
230Kb / 12P
50 V; 3 A NPN low VCEsat transistor
10 May 2022
PBSS4350X NEXPERIA-PBSS4350X Datasheet
277Kb / 12P
50 V, 3 A NPN low VCEsat transistor
16 May 2022
PBSS4350D NEXPERIA-PBSS4350D Datasheet
503Kb / 10P
50 V low VCEsat NPN transistor
2001 Jul 13
PBSS4350T NEXPERIA-PBSS4350T Datasheet
1Mb / 13P
50 V; 3 A NPN low VCEsat transistor
1 January 2023
PBSS4350Z NEXPERIA-PBSS4350Z Datasheet
226Kb / 12P
50 V low VCEsat NPN transistor
26 June 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com