Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC107A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # PC107A
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107A Datasheet(HTML) 2 Page - ATMEL Corporation

  PC107A Datasheet HTML 1Page - ATMEL Corporation PC107A Datasheet HTML 2Page - ATMEL Corporation PC107A Datasheet HTML 3Page - ATMEL Corporation PC107A Datasheet HTML 4Page - ATMEL Corporation PC107A Datasheet HTML 5Page - ATMEL Corporation PC107A Datasheet HTML 6Page - ATMEL Corporation PC107A Datasheet HTML 7Page - ATMEL Corporation PC107A Datasheet HTML 8Page - ATMEL Corporation PC107A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
PC107A [Preliminary]
2137C–HIREL–03/04
General Description
Simplified Block Diagram The PC107A integrates a PCI bridge, memory controller, DMA controller, EPIC interrupt
controller/timers, a message unit with an Intelligent Input/Output (I
2O) message control-
ler, and an Inter-integrated Circuit (two-wire interface) controller. The integration
reduces the overall packaging requirements and the number of discrete devices
required for an embedded system.
Figure 1 shows the major functional units within the PC107A. Note that this is a concep-
tual block diagram intended to show the basic features rather than an attempt to show
how these features are physically implemented.
Figure 1. PC107A Block Diagram
Data (64-Bit)
60x Bus Interface (64- or 32-Bit Data Bus)
Address
(32-Bit)
DLL
PLL
Fanout
Buffers
Additional features:
• Programmable I/O
• with Watchpoint
• JTAG/COP Interface
• Power Management
SDRAM_SYNC_IN
SDRAM Clocks
CPU Clocks
PCI_SYNC_IN
PCI Bus Clocks
Memory/ROM/
Port X Control/
Address
Data Bus
(64- or 32-bit)
with 8-bit Parity
or ECC
OSC_IN
Five
Request/Grant
Pairs
32-Bit
PCI Interface
I2C
5 IRQs/
16 Serial
Interrupts
EPIC
Interrupt
Controller
/Timers
Address
Translator
PCI
Arbiter
MPC107
I2C
Controller
DMA
Controller
Message
Unit
(with I2O)
Peripheral Logic Block
Central
Control
Unit
Data Path
ECC Controller
Memory
Controller
Configuration
Registers
PCI Bus
Interface Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com