Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC107AMZFU100L Datasheet(PDF) 27 Page - ATMEL Corporation

Part # PC107AMZFU100L
Description  PCI Bridge Memory Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC107AMZFU100L Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button PC107AMZFU100L Datasheet HTML 23Page - ATMEL Corporation PC107AMZFU100L Datasheet HTML 24Page - ATMEL Corporation PC107AMZFU100L Datasheet HTML 25Page - ATMEL Corporation PC107AMZFU100L Datasheet HTML 26Page - ATMEL Corporation PC107AMZFU100L Datasheet HTML 27Page - ATMEL Corporation PC107AMZFU100L Datasheet HTML 28Page - ATMEL Corporation PC107AMZFU100L Datasheet HTML 29Page - ATMEL Corporation PC107AMZFU100L Datasheet HTML 30Page - ATMEL Corporation PC107AMZFU100L Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
27
PC107A [Preliminary]
2137C–HIREL–03/04
Figure 13. Input – Output Timing Diagram Referenced to SDRAM_SYNC_IN
Figure 14. Input – Output Timing Diagram Referenced to PCI_SYNC_IN
Figure 15. Input Timing Diagram for Mode Select Signals
11a
VM
VM = Midpoint Voltage (1.4V)
MEMORY
PCI_SYNC_IN
INPUTS/OUTPUTS
13b
14b
VM
VM
SDRAM_SYNC_IN
shown in 2:1 mode
Input Timing
Output Timing
2.0V
0.8V
0.8V
2.0V
10b-d
12b-d
OVdd/2
10a
11a
PCI_SYNC_IN
PCI
12a
13a
14a
OVdd/2
OVdd/2
0.4*OVdd
0.615*OVdd
0.285*OVdd
Input Timing
Output Timing
INPUTS/OUTPUTS
VM
VM = Midpoint Voltage (1.4V)
11b
MODE PINS
10e
HRESET
2.0V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com