Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87435 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87435
Description  PC87435 Enhanced IPMI Baseboard Management Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87435 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC87435 Datasheet HTML 1Page - National Semiconductor (TI) PC87435 Datasheet HTML 2Page - National Semiconductor (TI) PC87435 Datasheet HTML 3Page - National Semiconductor (TI) PC87435 Datasheet HTML 4Page - National Semiconductor (TI) PC87435 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.national.com
2
Revision1.01
Features
s
Supports Intelligent Platform Management Interface
(IPMI) Specification v1.5, February 21, 2001
s
Supports Microsoft® Advanced Power Management
(APM) Specifications Revision 1.2, February 1996
Embedded Controller Features
s
Processing Unit
— CompactRISC CR16B 16-bit embedded RISC pro-
cessor core
— 2 Mbytes of linear address space
s
Internal Memory
— 128 Kbytes of on-chip flash memory
— Field upgradable by host, CR16B, parallel program-
mer interface or JTAG
— Boot block for CR16B
— Memory contents protection
— 4096 bytes of on-chip RAM
s
Expansion Memory (Optional in 176-pin packages)
— Three address zones for static devices, with config-
urable wait states and 8- or 16-bit-wide bus
— Up to 1 Mbyte of additional code and data
— Supports host-controlled code download and on-
board flash update
— Memory access protection
s
Host Interface Channels
— Three KCS host interface channels
— IRQ, SMI and SCI (PWUREQ) generation
s
Multi-Input Wake-Up (MIWU)
— Supports up to 32 wake-up or interrupt inputs
— Special input for system On/Off switch
— Generates wake-up event to PMC (Power Manage-
ment Control) module
— Generates interrupts to ICU module
— Provides user-selectable trigger conditions
s
Interrupt Control Unit (ICU)
— 31 maskable vector interrupt sources
— 26 general-purpose external interrupt inputs through
MIWU
— Enable and pending indication for each interrupt
— Non-maskable interrupt input
s
Authentication Function Support
— Random Number Generator (RNG)
— Full Random using temperature, voltage and system
noise.
s
General-Purpose I/O (GPIO)
— 84/108 port pins in 128/176 packages, respectively
— I/O pins individually configured as input or output
with optional pull-up resistors
— 27 external wake-up events
— Low-cost external GPIO expansion
s
Two SMBus Interface modules.
Each module:
— Is master and slave
— Detects up to three simultaneous slave addresses
— Supports polling and interrupt controlled operation
— Generates a wake-up signal on detection of a Start
Condition while in Idle mode
— Has optional internal pull-up on SDA and SCL pins
s
Two 16-bit Multi-Function Timer (MFT16) modules.
Each module:
— Contains two 16-bit timers
— Supports Pulse Width Modulation (PWM), Capture
and Counter modes
s
Universal Synchronous/Asynchronous Receiver-trans-
mitter (USART)
— A full-duplex USART channel
— Programmable baud rate
— Synchronous mode with either internal or external
clock
— 7-, 8- or 9-bit protocols
— Data transfer via Interrupt, polling
— Data double buffering with DMA support
s
Pulse Width Modulation (PWM) Module
— Eight outputs
— 8-bit resolution
— Common input clock prescaler
s
Timer and WATCHDOG
— 16-bit periodic interrupt timer with 30
µs resolution
and 5-bit prescaler for embedded controller tick and
periodic wake-up tasks
— 8-bit WATCHDOG timer
s
Hardware Monitoring (by ADC)
— 14 inputs, with 10-bit resolution
— Controlled by embedded controller
— System Voltage Measurement
❏
Up to eight external measurement points
❏
Four internal measurement points
— Diode-Based Temperature Measurement
❏
Software-controlled fault detection
❏
Hardware-monitored over-temperature detection
— Production time calibration using flash parameters
s
Development Support Features
— Interface to debugger via JTAG pins
❏
ISE/ADB mode (DEV mode)
❏
On-board Debug mode
— Flash programming via JTAG
s
CR16B Access to Host Controlled Functions
— Enabled when host inactive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com