Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF87852 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF87852
Description  Bluetooth baseband controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF87852 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF87852 Datasheet HTML 1Page - NXP Semiconductors PCF87852 Datasheet HTML 2Page - NXP Semiconductors PCF87852 Datasheet HTML 3Page - NXP Semiconductors PCF87852 Datasheet HTML 4Page - NXP Semiconductors PCF87852 Datasheet HTML 5Page - NXP Semiconductors PCF87852 Datasheet HTML 6Page - NXP Semiconductors PCF87852 Datasheet HTML 7Page - NXP Semiconductors PCF87852 Datasheet HTML 8Page - NXP Semiconductors PCF87852 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
PCF87852
Bluetooth baseband controller
Preliminary data
Rev. 01 — 23 April 2004
2 of 12
9397 750 12161
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
s Bluetooth controller including scrambling, CRC generation and checking, FEC
encoding and decoding and ciphering according the
“Specification of the
Bluetooth System, Version 1.1”
s Bluetooth connections supporting:
x Maximum 3 active connections (ACL)
x One voice connection (SCO).
s CVSD transcoder
s RF interface
s RSSI measurement
s On-chip 1.8 V voltage regulator
s 8-bit D/A and A/D conversion for various purposes; e.g. PA control
s Power-on reset
s System clock crystal oscillator
s Low-power crystal oscillator for a low-frequency clock input
s System clock request signal for control of external clock source
s Microprocessor interfaces including UART, I2C-bus, combined PCM/IOM and
general purpose I/O-pins
s Patch mechanism for code updates and corrections.
2.2 Firmware
s Interface drivers
s Bluetooth controller driver
s Link Controller (LC)
s Link Manager (LM)
s Host Controller Interface (HCI)
s L2CAP, RFCOMM and SDP
s Small profiles and application software (i.e Bluetooth headset).
2.3 General
s Core and interface supply: 1.8 V; RF interface supply: 2.7 V to 3.4 V
s Operating temperature range:
−40 °C to +85 °C
s Package: LFBGA73 (7
× 7mm2 and 0.5 mm pitch).
3.
Applications
s Cell phones and smart phones
s Computing applications (PC, notebook and PDA)
s Cellular accessories (Bluetooth headsets).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com