Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC4513 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC4513
Description  High Efficiency 1MHz, Step up Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4513 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC4513 Datasheet HTML 1Page - E-CMOS Corporation EC4513 Datasheet HTML 2Page - E-CMOS Corporation EC4513 Datasheet HTML 3Page - E-CMOS Corporation EC4513 Datasheet HTML 4Page - E-CMOS Corporation EC4513 Datasheet HTML 5Page - E-CMOS Corporation EC4513 Datasheet HTML 6Page - E-CMOS Corporation EC4513 Datasheet HTML 7Page - E-CMOS Corporation EC4513 Datasheet HTML 8Page - E-CMOS Corporation EC4513 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
High Efficiency 1MHz, Step up Regulator
EC4513
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 15
3G16N-Rev.P001
Electrical Characteristics
The following specifications apply for VIN =6V TA=25 oC, unless specified otherwise.
Symbol
Parameter
Test Conditions
EC4513
Unit
Min.
Typ.
Max.
INPUT SUPPLY CURRENT AND UVLO
BP Under Voltage Lockout Threshold VIN rising
2.4
2.5
2.6
V
UVLO Hysteresis
100
-
mV
IVIN
VIN Supply Current
EN=5V, switching
-
9
15
mA
EN=0V
-
-
1
uA
ERROR AMPLIFIER
gm
Error Amplifier Transconductance
350
‐
uA/V
ICOMP
COMP Output Current
sourcing and sinking, VCOMP=1.5V
‐
50
‐
uA
VFB
FB Voltage
485
500
515
mV
Minimum FB Voltage
VALS=0.3V
188
200
212
mV
IFB
FB Input Bias Current
‐
1
uA
FB Line Regulation
VIN=2.7V to 21V
‐
0.02
0.04
%/V
INTERNAL POWER SWITCH
Power Switch Current-
Limit
2.5
3.5
4.5
A
RDS(ON)
Power Switch On Resistance
50
100
mΩ
LX Leakage Current
VLX=30V
-
-
1
uA
FSW
Switching Frequency
0.9
1.2
1.5
MHz
DMAX
LX Maximum Duty Cycle
92
95
98
%
ALS
ALS Ratio
VALS=1V, VALS/VFB
2.9
3
3.1
V/V
ALS Pin Leakage
VALS=5V
-
-
1
uA
OUTPUT OVER-VOLTAGE PROTECTION
Over-Voltage Threshold
30
32
34
V
OVP Hysteresis
2
3
4
V
OVP Leakage Current
-
30
uA
CONTROL LOGIC PIN
EN High-Level Input Voltage
2.4
V
EN Low-Level Input Voltage
0.4
V
EN Leakage Current
VEN=21V
-
-
1
uA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
150
-
℃
Thermal Shutdown Hysteresis
50
-
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com