Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A392A Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A392A
Description  Bandwidth Quad Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A392A Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A392A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A392A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
09/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A391A
PI5A392A
PI5A393A
Dynamic Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%, GND = 0V)
Parameters Description
Test Conditions(1)
Min. Typ(2) Max.
Units
tON
Turn-on Time
VCOM = 3.0V, see Figure 1
—
10
20
ns
tOFF
Turn-off Time
VCOM = 3.0V, see Figure 1
—
5
10
ns
XTALK
Crosstalk
RL = 100 Ω, f = 30 MHz, see Figure 4
—
–72
—
dB
C(OFF)
NC or NO Capacitance
f = 1 kHz
—
13
—
pF
OIRR
Off Isolation
RL = 100 Ω, f = 30 MHz, see Figure 5
—
–55
—
dB
BW
Bandwidth –3 dB
RL = 100 Ω, see Figure 3
—
200
—
MHz
D
Distortion ∆RON/RL
RL = 100 Ω
—2
—
%
Q
Charge Injection
CL = 1 nF, VGen = 0V
—
3
5
pC
Single 3.3V Supply
DC Electrical Characteristics(1) (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%, GND = 0V)
Parameters Description
TestConditions(1)
Min. Typ(2) Max.
Units
VANALOG
Analog Signal Range
0
—
VCC
V
RON
ON-Resistance
ION = 10 mA to 30 mA
—
15
22
Ω
∆RON
Match Between Channels
—
0.4
2
Ω
RFLAT(ON) RON Flatness
ION = 1 mA, VNO, VNC = 0V TO 5V
—
1
2
Ω
INO(OFF)
On/Off Leakage Current
VNO,VNC =4.5V
–30
—
30
nA
INC(ON)
ICC
Quiescent Supply Current
VCC = 5.5V, VIN = 0V OR VCC
—
—
100
nA
IO
Output Current
VNO,VNC orVCOM=0V to 5V
80
—
—
mA
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
—
—
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
—
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
——
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
—
—
±1
µA
Notes:
1. For conditions shown as Max or Min, use appropriate value specified under Electrical Characteristics for applicable device type.
2. Guaranteed by design.
3. ∆RON = ∆RON max
– RON min.
4. Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified
analog signal range.
Dynamic Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%, GND = 0V)
Parameters Description
Test Conditions(1)
Min. Typ(2) Max.
Units
tON
Turn-on Time
VCOM = 3.0V, see Figure 1
—
20
40
ns
tOFF
Turn-off Time
VCOM = 3.0V, see Figure 1
—
10
20
ns
XTALK
Crosstalk
RL = 100 Ω, f = 30 MHz, see Figure 4
—
–72
—
dB
C(OFF)
NC or NO Capacitance
f = 1 kHz
—
15
—
pF
OIRR
Off Isolation
RL = 100 Ω, f = 30 MHz, see Figure 5
—
–55
—
dB
BW
Bandwidth –3 dB
RL = 100 Ω, see Figure 3
—
190
—
MHz
D
Distortion ∆RON/RL
RL = 100 Ω
—2
—
%
Q
Charge Injection
CL = 1 nF, VGen = 0V
—
3
10
pC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com