Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC333 Datasheet(PDF) 1 Page - Picker Components

Part # PC333
Description  12 Amp Subminiature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC333 Datasheet(HTML) 1 Page - Picker Components

  PC333_17 Datasheet HTML 1Page - Picker Components PC333_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC333 Rev J 5/11/2017
1 of 2
12 Amp Subminiature PCB Power Relay
PC333
ORDERING INFORMATION
Example:
PC333
-1C
-12
S
F
-H
-X
Model*: PC333, PC333HD (High Dielectric)
Contact Form: 1A, 1C
Coil Voltage: 3, 5, 6, 9, 12, 18, 24, 48
Enclosure: S: Sealed; C: Flux Free
Insulation System: Nil: Class B (125° C), F: Class F (155° C)
Coil Sensitivity: Nil: Standard .45 W, H: Sensitive .36 W.61: 61 W @ 48 V Only
Contact Material: Nil: AgCdO (Standard); T: AgSnO2 (Optional)
RoHS Compliant: -X
* Special contact material avaiable
Box Quantity: 2,000; Inner Box: 1,000
CONTACT DATA
Max. Switching Power
336 W 2,500 VA
Max. Switching Voltage
110 VDC, 380 VAC
Max, Switching Current
15 A
Material
AgCdO, AgSno2 *(Optional)
Initial Contact Resistance
50 mΩ max 0.1 A, 6 VDC
Service Life
Mechanical
1 X 107 Operations
Electrical
1 X 105 Operations
E86876
Load Type
Voltage
All Forms, All Contacts
28 VDC
12 A
General Purpose
125 VAC
12 A
240 VAC
10 A
300 VDC
6 A
Inductive120
120VAC
1/3 HP
240 VAC
1/\3 HP
CHARACTERISTIC
Operate Time
7 ms. Max.
Release Time
4 ms. Max.
Insulation Resistance
500 MΩ min, at 500 VDC
Dielectric Strength
PC333
1,000 V 50 Hz, Between Contacts
2,500 V, 50 Hz, Between Coil and Contacts
1,000 V 50 Hz, Between Contacts
Dielectric Strength
PC333HD
2,500 V, 50 Hz, Between Coil and Contacts
Power Consumption
46 mW Standard, 36 mW Sensitive Optional
CHARACTERISTIC Continued
Shock Resistance
100 m/s2 11 ms
Vibration Resistance
10 Hz - 55 Hz Double Amplitude 1.5 mm
Terminal Strength
10N
Solderability
235 ºC ± 2°C 3 s ± 0.5 s
Operating Temperature
- 40°C to 85°C
Temperature Range
- 40°C to 130 °C
Weight
11 gr
FEATURES
 12 Amp Continuous Contact Capacity
 1 Form A and 1 Form C Contact Forms
 2.5 KV Dielectric Standard
 4.0 KV Dielectric HD Version
 Sensitive Coil Available
 Meets UL 873 Spacing
 Sealed, Immersion Cleanable
 RoHS Compliant:


Similar Part No. - PC333_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC333 PICKER-PC333_14 Datasheet
259Kb / 2P
12 Amp Subminature PCB Power Relay
More results

Similar Description - PC333_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC236 PICKER-PC236 Datasheet
174Kb / 2P
Subminiature 10 Amp PCB Power Relay
PC521 PICKER-PC521 Datasheet
203Kb / 2P
20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_15 Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
10 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_15 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_17 Datasheet
457Kb / 2P
10 Amp Subminiature PCB Power Relay
PC415H PICKER-PC415H_17 Datasheet
448Kb / 2P
15 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_17 Datasheet
855Kb / 2P
20 Amp Subminiature PCB Power Relay
PC521 PICKER-PC521_17 Datasheet
507Kb / 2P
20 Amp Subminiature PCB Power Relay
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com