Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC378 Datasheet(PDF) 2 Page - Picker Components

Part # PC378
Description  Low Profile Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC378 Datasheet(HTML) 2 Page - Picker Components

  PC378_17 Datasheet HTML 1Page - Picker Components PC378_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC378 Rev D 9/07/2017
2 of 2
PC378
PC378
COIL DATA
Coil Voltage
(VAC)
Resistance
(Ohms ± 10%)
Must Operate
Voltage Max
(VAC)
Must Release
Voltage Min
(VAC)
Coil
Power
mW
Rated
Max
5
6.5
113
3.5
0.5
220
6
7.8
164
4.2
0.6
220
9
11.7
360
6.3
0.9
230
12
15.6
620
8.4
1.2
230
18
23.4
1,295
12.7
1.8
250
24
31.2
2,350
16.8
2.4
250
48
62.4
8,000
33.6
4.8
290
60
78.0
12,500
42.0
6.0
290
DIMENSIONS inches (mm)
Relay
(Side View)
Terminal Layout
(Bottom View)
PC Board Layout
(Top View)
Relay
(Front View)
Wire Diagrams
(Bottom View)
Terminal Layout
(Bottom View)
Wire Diagrams
(Bottom View)
Relay
(Side View)
PC Board Layout
(Top View)
Relay
(Front View)
Relay 1 Form A
Relay 1 Form C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com